Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA1036 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSA1036
Description  General Purpose PNP Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSA1036 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSA1036 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSA1036 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSA1036 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSA1036 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSA1036
General Purpose PNP Transistor
1/4
Version: A09
SOT-23
PRODUCT SUMMARY
BVCBO
-60V
BVCEO
-60V
IC
-0.6A
VCE(SAT)
-0.4V @ IC / IB = -150mA / -15mA
Features
Low VCE(SAT) -0.4 @ IC / IB = -150mA / -15mA
Complementary part with TSC2411
Structure
Epitaxial Planar Type
PNP Silicon Transistor
Ordering Information
Part No.
Package
Packing
TSA1036CX RF
SOT-23
3Kpcs / 7” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-0.6
A
Collector Power Dissipation
PD
225
mW
Thermal Resistance, Junction to Ambient
JA
556
oC/W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: Single pulse, Pw≤350us, Duty≤2%
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = -10uA, IE = 0
BVCBO
-60
--
--
V
Collector-Emitter Breakdown Voltage
IC = -10mA, IB = 0
BVCEO
-60
--
--
V
Emitter-Base Breakdown Voltage
IE = -10uA, IC = 0
BVEBO
-5
--
--
V
Collector Cutoff Current
VCB = -50V, IE = 0
ICBO
--
--
-10
nA
Emitter Cutoff Current
VEB = -0.5V, IC = 0
IEBO
--
--
-50
nA
Collector-Emitter Saturation Voltage
IC / IB = -150mA / -15mA
*VCE(SAT)
--
--
-0.4
V
Base-Emitter Saturation Voltage
IC / IB = -500mA / -50mA
*VBE(SAT)
--
--
-1.3
V
VCE = -10V, IC = -0.1A
*hFE 1
75
--
--
DC Current Transfer Ratio
VCE = -10V, IC = -150mA
*hFE 2
100
--
300
Transition Frequency
VCE =-5V, IC=-50mA,
f=100MHz
fT
200
--
--
MHz
Output Capacitance
VCB = -10V, f=1MHz
Cob
--
--
8
pF
* Pulse Test: Pulse Width ≤380uS, Duty Cycle≤2%
Pin Definition:
1. Base
2. Emitter
3. Collector


Similar Part No. - TSA1036

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSA1036D TSC-TSA1036D Datasheet
91Kb / 3P
   General Purpose Dual PNP Transistor
TSA1036DCU6 TSC-TSA1036DCU6 Datasheet
91Kb / 3P
   General Purpose Dual PNP Transistor
More results

Similar Description - TSA1036

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com