Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC136CZC0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSC136CZC0
Description  High Voltage NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC136CZC0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC136CZC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC136CZC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC136CZC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC136CZC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC136CZC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSC136
High Voltage NPN Transistor
1/5
Version: C07
TO-220
PRODUCT SUMMARY
BVCEO
400V
BVCBO
700V
IC
3A
VCE(SAT)
2V @ IC / IB = 2A / 0.5A
Features
High Voltage
High Speed Switching
Structure
Silicon Triple Diffused Type
NPN Silicon Transistor
Ordering Information
Part No.
Package
Packing
TSC136CZ C0
TO-220
50pcs / Tube
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
700
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
9
V
Total Dissipation @ Tc ≤ 25
oC
Ptot
60
W
Collector Peak Current (tp <5ms)
ICM
6
A
Collector Current
IC
3
A
Base Peak Current (tp <5ms)
IBM
3
A
Base Current
IB
1.5
A
Maximum Operating Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
JC
2.08
oC/W
Block Diagram
Pin Definition:
1. Base
2. Collector
3. Emitter


Similar Part No. - TSC136CZC0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC136L TSC-TSC136L Datasheet
432Kb / 6P
   High Voltage NPN Transistor
TSC136LCHC5 TSC-TSC136LCHC5 Datasheet
432Kb / 6P
   High Voltage NPN Transistor
TSC136LCHC5G TSC-TSC136LCHC5G Datasheet
432Kb / 6P
   High Voltage NPN Transistor
TSC136LCPRO TSC-TSC136LCPRO Datasheet
432Kb / 6P
   High Voltage NPN Transistor
TSC136LCPROG TSC-TSC136LCPROG Datasheet
432Kb / 6P
   High Voltage NPN Transistor
More results

Similar Description - TSC136CZC0

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com