Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2411 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSC2411
Description  General Purpose NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC2411 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC2411 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC2411 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC2411 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC2411 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSC2411
General Purpose NPN Transistor
1/4
Version: A09
SOT-23
PRODUCT SUMMARY
BVCEO
40V
BVCBO
75V
IC
600mA
VCE(SAT)
0.5V @ IC / IB = 380mA / 10mA
Features
Driver Stage of AF Amplifier
General Purpose Switching Application
Structure
Epitaxial Planar Type
Complementary to TSA1036CX
Ordering Information
Part No.
Package
Packing
TSC2411CX RF
SOT-23
3Kpcs / 7” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
600
mA
Collector Power Dissipation
PD
225
mW
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw=20ms, Duty≤50%
2. When mounted on a 40 x 50 x 0.7mm ceramic board.
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = 10uA, IE = 0
BVCBO
75
--
--
V
Collector-Emitter Breakdown Voltage
IC = 10mA, IB = 0
BVCEO
40
--
--
V
Emitter-Base Breakdown Voltage
IE = 10uA, IC = 0
BVEBO
6
--
--
V
Collector Cutoff Current
VCB = 60V, IE = 0
ICBO
--
--
0.1
uA
Emitter Cutoff Current
VEB = 3V, IC = 0
IEBO
--
--
0.1
uA
Collector-Emitter Saturation Voltage
IC / IB = 380mA / 10mA
VCE(SAT) 1
--
0.2
0.5
V
Collector-Emitter Saturation Voltage
IC / IB = 150mA / 15mA
VCE(SAT) 2
--
0.2
0.4
V
Collector-Emitter Saturation Voltage
IC / IB = 500mA / 50mA
VCE(SAT) 3
--
0.45
0.75
V
Base-Emitter Saturation Voltage
IC / IB = 150mA / 15mA
VBE(SAT) 1
0.75
--
0.95
V
Base-Emitter Saturation Voltage
IC / IB = 500mA / 50mA
VBE(SAT) 2
--
--
1.2
V
DC Current Transfer Ratio
VCE = 1V, IC = 150mA
hFE
82
--
390
Transition Frequency
VCE =5V, IC=-20mA,
f=100MHz
fT
300
--
--
MHz
Output Capacitance
VCB = 5V, f=1MHz
Cob
--
6
--
pF
Pin Definition:
1. Base
2. Emitter
3. Collector


Similar Part No. - TSC2411

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC2411 TSC-TSC2411 Datasheet
44Kb / 3P
   General Purpose NPN Transistor
TSC2411CX TSC-TSC2411CX Datasheet
44Kb / 3P
   General Purpose NPN Transistor
TSC2411CXP TSC-TSC2411CXP Datasheet
44Kb / 3P
   General Purpose NPN Transistor
TSC2411CXQ TSC-TSC2411CXQ Datasheet
44Kb / 3P
   General Purpose NPN Transistor
TSC2411CXR TSC-TSC2411CXR Datasheet
44Kb / 3P
   General Purpose NPN Transistor
More results

Similar Description - TSC2411

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com