Electronic Components Datasheet Search |
|
PSD854F4-20MIT Datasheet(PDF) 1 Page - STMicroelectronics |
|
PSD854F4-20MIT Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 103 page 1/110 PRELIMINARY DATA June 2004 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. PSD813F2, PSD833F2 PSD834F2, PSD853F2, PSD854F2 Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V FEATURES SUMMARY ■ FLASH IN-SYSTEM PROGRAMMABLE (ISP) PERIPHERAL FOR 8-BIT MCUS ■ DUAL BANK FLASH MEMORIES – UP TO 2 Mbit OF PRIMARY FLASH MEMORY (8 Uniform Sectors, 32K x8) – UP TO 256 Kbit SECONDARY FLASH MEMORY (4 Uniform Sectors) – Concurrent operation: READ from one memory while erasing and writing the other ■ UP TO 256 Kbit BATTERY-BACKED SRAM ■ 27 RECONFIGURABLE I/O PORTS ■ ENHANCED JTAG SERIAL PORT ■ PLD WITH MACROCELLS – Over 3000 Gates of PLD: CPLD and DPLD – CPLD with 16 Output Macrocells (OMCs) and 24 Input Macrocells (IMCs) – DPLD - user defined internal chip select decoding ■ 27 INDIVIDUALLY CONFIGURABLE I/O PORT PINS The can be used for the following functions: – MCU I/Os –PLD I/Os – Latched MCU address output – Special function I/Os. – 16 of the I/O ports may be configured as open-drain outputs. ■ IN-SYSTEM PROGRAMMING (ISP) WITH JTAG – Built-in JTAG compliant serial port allows full-chip In-System Programmability – Efficient manufacturing allow easy product testing and programming – Use low cost FlashLINK cable with PC ■ PAGE REGISTER – Internal page register that can be used to expand the microcontroller address space by a factor of 256 ■ PROGRAMMABLE POWER MANAGEMENT Figure 1. Packages ■ HIGH ENDURANCE: – 100,000 Erase/WRITE Cycles of Flash Memory – 1,000 Erase/WRITE Cycles of PLD – 15 Year Data Retention ■ 5V±10% SINGLE SUPPLY VOLTAGE ■ STANDBY CURRENT AS LOW AS 50µA PQFP52 (M) PLCC52 (J) TQFP64 (U) |
Similar Part No. - PSD854F4-20MIT |
|
Similar Description - PSD854F4-20MIT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |