Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC-174WL-MT Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-174WL-MT
Description  17 Panel PC with Intel짰 Pentium짰 4 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-174WL-MT Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-174WL-MT Datasheet HTML 1Page - Advantech Co., Ltd. PPC-174WL-MT Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
PPC-174T
Introduction
PPC-174T is a top performing and highly expandable panel PC. Equipped with a 17" Color TFT LCD, it features high performance, multimedia devices, connectors, and 2 PCI sockets
for high expansion capacity. Because of its multifunctional design, the PPC-174T meets demands from multimedia applications and interactive kiosks that require big displays and
more powerful computing performance.
Specifications
Processor System
CPU
Supports Socket 478 based Pentium 4 CPU up to 3.06 GHz
Disk Drive Housing
Removable 3.5" HDD bay, 2.5" SATA HDD is available, but converter board needed
Dimensions (W x H x D)
446 x 382 x 127 mm (17.56" x 15.04" x 5”)
Weight
10 kg (22 lb)
Front Panel Protection
IP65/NEMA 4 compliant (not for SAW model)
HDD
Uses 4-pin jumper with HDD IDE board
CD-ROM Drive (Default)
Compact 24X or above
DVD+/-RW Drive (optional)
Optional 8X or above
Combo Drive (Optional)
Optional DVD/CD-RW 8D/24W/24E/24R or above
Memory
Supports up to 2 GB DDR 333 SDRAM (184-pin)
FDD
Supports 720 KB/1.44 MB FDD
Network (LAN)
10/100 Mbps Ethernet interface (Gigabit optional)
I/O ports
- 3 x serial ports: 2 x RS-232, 1 x RS-232/422/485
- Parallel ports: 4 x USB 2.0 port
- 2 x PCMCIA Type II
- 6-in-1 cardreader: supports CompactFlash, Micro Drive, Smart Media, Secure Digital, Memory Stick & Multimedia Card
- PS/2 mouse and keyboard interface
- Mic-in, Line-in, Line-out, and game ports
- S-Video port
Bus Expansion
2 x PCI expansion slots, 1 x Mini PCI card
Environmental Specifications
Operating Temperature
0 ~ 45° C (32 ~ 113° F)
Relative Humidity
10 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 msec. duration)
EMC
BSMI, VCCI, CE, FCC Class B, CCC
Safety
CB, CE, UL
Touchscreen (Optional)
Types
Analog Resistive
Capacitive
Surface Acoustic Wave
Infrared
Resolution
Continuous
1024 x 1024
4096 x 4096
4096 x 4096
Light Transmission
75%
91.5%
91%
91%
Controller
RS-232 interface
Power Consumption
+5 V @ 200 mA
+5 V @ 100 mA
+5 V @ 150 mA
+5 V @ 150 mA
Software Driver
Supports both DOS and Windows
LCD Display
Display Type
Color TFT LCD
Size (Diagonal)
17"
Max. Resolution
1280 x 1024
Max. Colors or Grayscales
16.7M
Pixel Pitch (mm)
0.264 x 0.264
Luminance (cd/m2)
300
Contrast Ratio
800:1
Viewing Angle
80° (left), 80° (right), 80° (up), 80° (down)
Operating Temperature
0 ~ 50° C
VR Controls
Brightness
Simultaneous Mode
Yes
LCD MTBF
50,000 hrs
Power Supply
Output Rating
180 W (max.)
Input Voltage
100 ~ 240 VAC @ 50 ~ 60Hz
Output Voltage
+3.3 V @ 16.8 A, +5 V @ 12 A, +12 V @ 10 A, -12 V @ 0.8 A, +5 Vsb @ 2 A
17" Panel PC with
Intel® Pentium® 4 Processor
17" TFT SXGA LCD
Intel® Pentium® 4 CPU up to 3.06 GHz
System memory up to 2 GB DDR SDRAM
Built-in FDD/CD-ROM drive/speakers
Rugged die-cast aluminum housing with removable plastic front bezel
Removable 3.5" HDD bay, 2.5" SATA HDD is available, but converter board
needed
Optional 6-in-1 card reader (MS, SD, SM, MC and CF type l/ll sockets)
Resistive, capacitive, SAW and infrared touchscreens are available


Similar Part No. - PPC-174WL-MT

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-174WL-MT ADVANTECH-PPC-174WL-MT Datasheet
398Kb / 2P
   6.5 Fanless Panel PC with AMD Geode??LX800 Processor
PPC-174WL-MT ADVANTECH-PPC-174WL-MT Datasheet
356Kb / 2P
   17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-174WL-MT ADVANTECH-PPC-174WL-MT Datasheet
232Kb / 2P
   17 Panel PC with Intel짰 Core??2 Duo Processor
PPC-174WL-MT ADVANTECH-PPC-174WL-MT Datasheet
336Kb / 2P
   10.4 Fanless Panel PC with AMD Geode??LX 800 (500 MHz) Processor
PPC-174WL-MT ADVANTECH-PPC-174WL-MT Datasheet
378Kb / 2P
   15 Fanless Panel PC with Intel Celeron M짰 Pentium M짰 Processor
More results

Similar Description - PPC-174WL-MT

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-175T ADVANTECH-PPC-175T Datasheet
356Kb / 2P
   17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-154T ADVANTECH-PPC-154T Datasheet
330Kb / 2P
   15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-154T-EPCE ADVANTECH-PPC-154T-EPCE Datasheet
333Kb / 2P
   15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-S154T ADVANTECH-PPC-S154T Datasheet
462Kb / 2P
   15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PPC-103T ADVANTECH-PPC-103T Datasheet
360Kb / 2P
   10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-S155T ADVANTECH-PPC-S155T Datasheet
409Kb / 2P
   15 UltraSlim??Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-177T ADVANTECH-PPC-177T Datasheet
232Kb / 2P
   17 Panel PC with Intel짰 Core??2 Duo Processor
PPC-8170-RI3AE ADVANTECH-PPC-8170-RI3AE Datasheet
556Kb / 2P
   17" Panel PC with Intel짰 Core??i3 / i5 Processor
PPC-6170-Ri5AE ADVANTECH-PPC-6170-Ri5AE Datasheet
490Kb / 2P
   17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
logo
Intel Corporation
BX80547PG3200FSL8Q6 INTEL-BX80547PG3200FSL8Q6 Datasheet
2Mb / 105P
   Intel짰 Pentium짰 4 Processor 6xx? Sequence and Intel짰 Pentium짰 4 Processor Extreme Edition
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com