Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC-174WL-MT Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-174WL-MT
Description  6.5 Fanless Panel PC with AMD Geode??LX800 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-174WL-MT Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-174WL-MT Datasheet HTML 1Page - Advantech Co., Ltd. PPC-174WL-MT Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
PPC-L61T
6.5" TFT VGA LCD
AMD Geode LX800 CPU on board
System memory up to 1 G DDR SDRAM
One CompactFlash® Type I/II socket (True IDE Mode)
Microsoft® Windows® CE 6.0 and XP Embedded are available
Fanless and ultra-low power consumption
Adjust RS-232/422/485 through BIOS
Aluminum Front Bezel
6.5" Fanless Panel PC with
AMD Geode™ LX800 Processor
Introduction
PPC-L61T is a 6.5" industrial-grade Panel PC (PPC) for small interface requirements such as Human Machine Interfaces (HMI) or Multifunctional Products (MFP). PPC-L61T is highly
reliable because it incorporates a low power CPU that does not need a cooling fan. The robust alumimum makes this interface suitable for long-term solutions, and especially suitable
for environments such as chemical and food processing plants. PPC-L61T comes with an embedded OS for faster application development, so driver development and customization
of images do not slow down project implementation.
Specifications
Processor System
CPU
Onboard AMD Geode LX800 (500 MHz)
Memory
1x 200-pin SODIMM socket that accpets a 256/512/1024 MB DDR 333/400
2nd Cache Memory
128 KB on-die
Chipset
AMD Geode CS5536
BIOS
4 Mbit Flash BIOS
SSD
One type I/II CompactFlash socket
PPC-L61T-CE-RTE comes with one 256 MB built-in CompactFlash card
HDD
1 x 2.5" external SATA HDD module (Optional)
I/O Ports
- 2 x Serial ports: RS-232 x 1, RS-232/422/485 x 1
- 4 X USB ports (2 x external, 2 x internal)
- 1 x VGA port
- 1 x 1.3 W speakers (Optional)
Bus Expansion
1x MINI PCI expansion slot
Network (LAN)
10/100 Mbps Ethernet
Watchdog Timer
255 timer levels; setup by software
Dimensions (W x H x D)
202 x 148 x 49 (7.9" x 5.82" x 1.92")
Weight
1.2 kg (2.64 lb)
OS Support
Microsoft
Windows XPE, CE, XP
Power Supply
Input Voltage
12 VDC ~ 30 VDC , 2.5 A max
LCD Display
Display Type
6.5" TFT LCD
Max. Resolution
640 x 480
Colors
262 K
Dot Size (mm)
0.207 X 0.207
Viewing Angle
70 (left), 70 (right), 60 (up), 60 (down)
Luminance
400 cd/m2
Operating Temperature
-10 ~ 70° C (14 ~ 158° F)
Backlight Lifetime
50, 000 hrs
Touchscreen
Type
Analog Resistive 4 wires
Resolution
Continuous
Light Transmission
80%
Controller
USB interface
Software Driver
Supports Windows XP, CE
Durability (Touches)
10 million


Similar Part No. - PPC-174WL-MT

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-174WL-MT ADVANTECH-PPC-174WL-MT Datasheet
397Kb / 2P
   17 Panel PC with Intel짰 Pentium짰 4 Processor
PPC-174WL-MT ADVANTECH-PPC-174WL-MT Datasheet
356Kb / 2P
   17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-174WL-MT ADVANTECH-PPC-174WL-MT Datasheet
232Kb / 2P
   17 Panel PC with Intel짰 Core??2 Duo Processor
PPC-174WL-MT ADVANTECH-PPC-174WL-MT Datasheet
336Kb / 2P
   10.4 Fanless Panel PC with AMD Geode??LX 800 (500 MHz) Processor
PPC-174WL-MT ADVANTECH-PPC-174WL-MT Datasheet
378Kb / 2P
   15 Fanless Panel PC with Intel Celeron M짰 Pentium M짰 Processor
More results

Similar Description - PPC-174WL-MT

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
AEC-6811 AAEON-AEC-6811 Datasheet
536Kb / 2P
   Fanless Embedded Controller With AMD Geode LX800
logo
Axiomtek Co., Ltd.
EBOX745-FL500 AXIOMTEK-EBOX745-FL500_17 Datasheet
349Kb / 1P
   Fanless Embedded System with AMD Geode LX800 500 MHz Processor
logo
AAEON Technology
PFM-541I_1302 AAEON-PFM-541I_1302 Datasheet
304Kb / 2P
   PC/104 Module with Onboard AMD Geode LX800 Processor
PFM-540IREV.B AAEON-PFM-540IREV.B Datasheet
246Kb / 2P
   Onboard AMD Geode LX800 Processor
PFM-541IW2 AAEON-PFM-541IW2 Datasheet
352Kb / 1P
   PC/104 CPU Module with Onboard AMD Geode LX800 Processor
logo
Advantech Co., Ltd.
PPC-L106T ADVANTECH-PPC-L106T Datasheet
336Kb / 2P
   10.4 Fanless Panel PC with AMD Geode??LX 800 (500 MHz) Processor
logo
AAEON Technology
AEC-6410 AAEON-AEC-6410 Datasheet
280Kb / 2P
   Compact Embedded Controller With AMD Geode LX800 Processor
logo
Axiomtek Co., Ltd.
NA-100 AXIOMTEK-NA-100 Datasheet
209Kb / 1P
   Ultra low power AMD Geode LX800 processor
EBOX646-FL AXIOMTEK-EBOX646-FL_17 Datasheet
214Kb / 1P
   Fanless Embedded System with AMD Geode LX800 500 MHz Processor for GamingManagement System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com