Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC-66SN-E2AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # TPC-66SN-E2AE
Description  5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-66SN-E2AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  TPC-66SN-E2AE Datasheet HTML 1Page - Advantech Co., Ltd. TPC-66SN-E2AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Touch Panel Computers
Features
5.7" QVGA CSTN LCD XScale PXA270
Touch Panel Computer
5.7" QVGA TFT LCD XScale PXA270
Touch Panel Computer
TPC-66SN
TPC-66T
Intel® XScale PXA processor on board
5.7” QVGA TFT LCD
Super slim and compact design with plastic housing
Fanless cooling system
NEMA4/IP65 compliant front panel
Built-in flash memory and Windows® CE OS
One CompactFlash® slot
Automatic data flow control RS-485
Specifications
General
Certifications
BSMI, CCC, CE, FCC, UL
Cooling System
Fanless design
Dimensions (W x H x D) 195 x 148 x 44.4 mm (7.68" x 5.83" x 1.75")
Enclosure
ABS
Mounting
Panel
OS Support
Windows CE 5.0 (English Version)
Power Consumption
12 W
Power Input
18 ~ 32 VDC
Watchdog Timer
Programmable as 250 ms, 500 ms, 1 second
Weight (Net)
0.8 kg (1.76 lb)
System Hardware
CPU
TPC-66SN: Intel PXA270 416MHz
TPC-66T: Intel PXA270 312MHz
Memory
64MB on board SDRAM
LAN
10/100Base-T x 1
Storage
64 MB MDOC on board
CompactFlash® slot x 1 (GPIO)
I/O
TPC-66SN: Full RS-232 x 2 (COM1,2)
4-pin RS-232/RS-485 x 1 (COM3) with
auto data flow control
USB 1.1 Host x 1
USB 1.1 Client x 1
TPC-66T: Full RS-232 x 2 (COM1, 2)
RS-485 x 1 (COM3) with auto data flow
control
USB 1.1 Client x 1
Introduction
The TPC-66 models are compact platforms without redundant functions, which have been designed for small-sized operator interface applications. They have 5.7" TFT LCD display
which is a cost effective choice for a limited budget. Its RISC kernel, the Intel XScale PXA processor consumes minimum power without sacrificing performance. The TPC-66 has
10/100Base-T Ethernet port offering solid communication ability and comes bundled with a Windows® CE OS that supports Thin-Client solutions. The built-in Windows® CE OS
platform lets TPC-66 become an Open HMI solution for system integration.
LCD Display
TPC-66SN
TPC-66T
Display Type
QVGA CSTN LCD QVGA TFT LCD
Display Size
5.7"
5.7"
Max. Resolution
320 x 240
320 x 240
Max. Colors
64 K
64 K
Luminance (cd/m2)
400
300
Viewing Angle (H/V)
100/55
140/120
Backlight Life
60,000 hrs
30,000 hrs
Contrast Ratio
55:1
500:1
Touchscreen
Type
4-wire, analog resistive
Resolution
1024 x 1024
Light Transmission
Above 75%
Lifespan
10 millions times with a silicone rubber of 8 mm
diameter finger
Environment
Humidity
10 ~ 95% RH @ 40° C, non-condensing
Ingress Protection
Front panel: NEMA4, IP65
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Vibration Protection
1 Grms (5 ~ 500 Hz)
(Operating, random vibration)
NEW


Similar Part No. - TPC-66SN-E2AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-66SN-E2AE ADVANTECH-TPC-66SN-E2AE Datasheet
267Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
More results

Similar Description - TPC-66SN-E2AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-68T ADVANTECH-TPC-68T Datasheet
267Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
TPC-30T ADVANTECH-TPC-30T Datasheet
639Kb / 2P
   3.5 QVGA TFT LCD XScale PXA270 Touch Panel Computer
TPC-120H ADVANTECH-TPC-120H Datasheet
978Kb / 2P
   12.1 SVGA TFT LCD XScale PXA270 Touch Panel Computer with CAN-bus
TPC-31T-E3AE ADVANTECH-TPC-31T-E3AE Datasheet
684Kb / 2P
   3.5"/5.7" QVGA TFT LED LCD TI Cortex-A8 Touch Panel Computer
TPC-61T ADVANTECH-TPC-61T Datasheet
771Kb / 2P
   5.7"/3.5" QVGA TFT LED LCD TI Cortex-A8 Touch Panel Computer
5-Jan-2021
TPC-660E ADVANTECH-TPC-660E Datasheet
709Kb / 2P
   5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
logo
Schneider Electric
HMIGTO2315FW SCHNEIDER-HMIGTO2315FW Datasheet
99Kb / 3P
   Advanced touchscreen panel, Harmony GTO, 5.7 Color Touch QVGA Stainless, logo removed
Apr 27, 2022
logo
Hantronix,Inc
HDA570S-V HANTRONIX-HDA570S-V_15 Datasheet
44Kb / 3P
   5.7 TFT QVGA COLOR LCD DISPLAY MODULE
logo
Schneider Electric
HMIGTO2300FW SCHNEIDER-HMIGTO2300FW Datasheet
66Kb / 3P
   Advanced touchscreen panel, Harmony GTO, 5.7 Color Touch QVGA TFT, logo removed
Oct 17, 2021
HMIGTO2300FC SCHNEIDER-HMIGTO2300FC Datasheet
65Kb / 3P
   Advanced touchscreen panel, Harmony GTO, 5.7 Color Touch QVGA TFT, coated display
Sep 20, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com