Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC-1270H-P2AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # TPC-1270H-P2AE
Description  12.1 SVGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-1270H-P2AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  TPC-1270H-P2AE Datasheet HTML 1Page - Advantech Co., Ltd. TPC-1270H-P2AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Touch Panel Computers
Features
TPC-1270H
Specifications
General
ƒ
ƒ
BIOSƒ
Award®ƒ4ƒMB
ƒ
ƒ
Certificationsƒ
BSMI,ƒCCC,ƒCE,ƒFCC,ƒUL
ƒ
ƒ
Cooling Systemƒ
Fanlessƒdesign
ƒ
ƒ
Dimensions (W x H x D)ƒ311ƒxƒ237ƒxƒ52.3ƒmmƒ(12.24"ƒxƒ9.33"ƒxƒ2.06")
ƒ
ƒ
Enclosureƒ
Frontƒbezel:ƒAl-Mg
Backƒhousing:ƒDie-castƒAluminumƒalloy
ƒ
ƒ
Mountingƒ
Desktop,ƒWallƒorƒPanelƒMount
ƒ
ƒ
OS Supportƒ
WindowsƒXP/XPe/CEƒ(WindowsƒCEƒonlyƒforƒC1E)*
ƒ
ƒ
Power Consumptionƒ
40ƒWƒ(typical)
ƒ
ƒ
Power Inputƒ
18ƒ~ƒ32ƒVDC
ƒ
ƒ
Watchdog Timerƒ
1ƒ~ƒ255ƒsecƒ(system)
ƒ
ƒ
Weight (Net)
3.3ƒkgƒ(7.28ƒlbs)
System Hardware
ƒ
ƒ
CPUƒ
TPC-1270H-P2AE:ƒIntelƒPentiumƒMƒ1.4GHzƒ2Mƒcache
TPC-1270H-C1AE:ƒIntelƒCeleronƒMƒ1GHzƒnon-cache
ƒ
ƒ
Chipsetƒ
Intelƒ915GMEƒ+ƒICH6M
ƒ
ƒ
Memoryƒ
TPC-1270H-P2AE:ƒ1GBƒonboardƒDDR2ƒSDRAM
TPC-1270H-C1AE:ƒ512MBƒonboardƒDDR2ƒSDRAM
ƒ
ƒ
LANƒ
TPC-1270H-P2AE:ƒ10/100Base-Tƒxƒ1,
ƒ
10/100/1000Base-Tƒxƒ1ƒ
TPC-1270H-C1AE:ƒ10/100Base-Tƒxƒ2
ƒ
ƒ
Expansion Slotsƒ
PCI-104ƒxƒ1
ƒ
ƒ
Storageƒ
CompactFlash®ƒslotƒxƒ1
2.5"ƒSATAƒHDDƒxƒ1ƒ(optional)
ƒ
ƒ
I/Oƒ
RS-232ƒxƒ3ƒ(COM1,ƒ2,ƒ3)
RS-232/422/485ƒxƒ1ƒ(COM4)ƒwithƒautoƒdataƒflowƒ
controlƒ
USBƒ2.0ƒxƒ4ƒ(Host)ƒ
VGAƒxƒ1ƒ
MIC-inƒxƒ1,ƒLine-outƒxƒ1
LCD Display
ƒ
ƒ
Display Typeƒ
SVGAƒTFTƒLCD
ƒ
ƒ
Display Size
12.1"
ƒ
ƒ
Max. Resolutionƒ
800ƒxƒ600
ƒ
ƒ
Max. Colors
262ƒK
ƒ
ƒ
Luminance cd/m2
350
ƒ
ƒ
Viewing Angle (H/V°)
140/120
ƒ
ƒ
Backlight Life
50,000ƒhrs
ƒ
ƒ
Contrast Ratio
500ƒ:ƒ1
Touchscreen
ƒ
ƒ
Lifespanƒ
1ƒmillionƒtouchesƒatƒsingleƒpoint
ƒ
ƒ
Light Transmissionƒ
Aboveƒ75%
ƒ
ƒ
Resolutionƒ
Linearity
ƒ
ƒ
Typeƒ
8-wire,ƒanalogƒresistive
Environment
ƒ
ƒ
Humidityƒ
10ƒ~ƒ95%ƒRHƒ@ƒ40°ƒC,ƒnon-condensing
ƒ
ƒ
Ingress Protection
Frontƒpanel:ƒNEMA4,ƒIP65
ƒ
ƒ
Operating Temperatureƒ 0ƒ~ƒ50°ƒCƒ(32ƒ~ƒ122°ƒF)
ƒ
ƒ
Storage Temperatureƒ -20ƒ~ƒ60°ƒCƒ(-4ƒ~ƒ140°ƒF)
ƒ
ƒ
Vibration Protectionƒ
WithƒHDD:ƒ1ƒGrmsƒ(5ƒ~ƒ500ƒHz)
(Operating,ƒrandomƒvibration)
ƒ
ƒ Intel®ƒPentium®ƒMƒprocessorƒupƒtoƒ1.4ƒGHzƒonƒboard
ƒ
ƒ 12.1"ƒSVGAƒTFTƒLCD
ƒ
ƒ CompactƒdesignƒwithƒAl-Mgƒfrontƒbezelƒandƒdie-castƒAlƒhousing
ƒ
ƒ Fanlessƒcoolingƒsystem
ƒ
ƒ NEMA4/IP65ƒcompliantƒfrontƒpanel
ƒ
ƒ SupportsƒMicrosoft®ƒWindowsƒXP/XPe/CE
ƒ
ƒ DownwardƒI/Oƒcabling
ƒ
ƒ AutomaticƒdataƒflowƒcontrolƒRS-485
ƒ
ƒ GigabitƒEthernetƒsupported
12.1" SVGA TFT LCD Pentium® M/
Celeron® M Touch Panel Computer
Introduction
WithƒaƒhighƒqualityƒTFTƒLCDƒdisplay,ƒTPC-1270HƒisƒdesignedƒwithƒtheƒIntelƒPentiumƒMƒ1.4ƒGHz/Celeron®ƒMƒ1ƒGHzƒprocessorƒasƒitsƒcore.ƒTheƒIntelƒPentiumƒM/CeleronƒMƒhasƒlowƒ
powerƒconsumptionƒandƒ1.4ƒGHz/1ƒGHzƒoperatingƒfrequency.ƒThisƒsystemƒisƒfanlessƒalthoughƒtheƒkernelƒisƒpowerful.ƒInƒaddition,ƒspindle-freeƒstorageƒmakesƒtheƒTPC-1270Hƒaƒdurableƒ
andƒreliableƒplatform.ƒForƒapplicationsƒwhereƒspindle-freeƒstorageƒisƒnotƒcritical,ƒaƒfast-accessƒHDDƒmoduleƒcanƒbeƒused.ƒTheƒrichƒI/Oƒportfolioƒmeetsƒdiverseƒrequests.


Similar Part No. - TPC-1270H-P2AE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPC-1270H-P1E ETC2-TPC-1270H-P1E Datasheet
393Kb / 2P
   Intel짰 Pentium짰 M/Celeron짰 M Touch Panel Computer with 12.1
More results

Similar Description - TPC-1270H-P2AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-870H ADVANTECH-TPC-870H Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
TPC-1570H ADVANTECH-TPC-1570H Datasheet
816Kb / 2P
   15 XGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
logo
List of Unclassifed Man...
TPC-1270H ETC2-TPC-1270H Datasheet
393Kb / 2P
   Intel짰 Pentium짰 M/Celeron짰 M Touch Panel Computer with 12.1
logo
Advantech Co., Ltd.
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-120H ADVANTECH-TPC-120H Datasheet
978Kb / 2P
   12.1 SVGA TFT LCD XScale PXA270 Touch Panel Computer with CAN-bus
TREK-776 ADVANTECH-TREK-776 Datasheet
448Kb / 2P
   12.1 Vehicle Mounted Computer with Pentium짰 LV M/ ULV Celeron짰 M Processor
logo
Axiomtek Co., Ltd.
GOT5120T-845 AXIOMTEK-GOT5120T-845_17 Datasheet
449Kb / 2P
   12.1 XGA/SVGA TFT Fanless Touch Panel Computer with Intel Celeron
logo
LG Semicon Co.,Ltd.
LB121S03 LG-LB121S03 Datasheet
396Kb / 23P
   12.1??SVGA TFT LCD
logo
AAEON Technology
OPD-212A AAEON-OPD-212A Datasheet
257Kb / 2P
   12.1??TFT SVGA LCD
logo
Advantech Co., Ltd.
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
   15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com