Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC-1570H-P2E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TPC-1570H-P2E
Description  15 XGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-1570H-P2E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TPC-1570H-P2E Datasheet HTML 1Page - Advantech Co., Ltd. TPC-1570H-P2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Rear View
TPC-1570H
Ordering Information
TPC-1570H-P2E
15" XGA Touch Panel PC, Pentium M 1.4 GHz,1 GB
TPC-1570H-C1E
15" XGA Touch Panel PC, Celeron M 1 GHz, 512 MB
TPC-1570H-B1E
15" XGA Touch Panel PC, Celeron M 600 MHz, 512
MB
TPC-1570H-SMKE
TPC-1570H Desktop Stand
TPC-1570H-WMKE
TPC-1570H Wallmount Kit
1757001317
19 V 72 W AC-DC Power Adapter
j
i
h
g
f
e
d
b
a
l
Panel Cut-out Dimensions: 374.5 x 298.5 mm
k
c
a. VGA
b. COM (RS-232)
c. COM (RS-232/422/485)
d. PS/2
e. USB 2.0
f. LAN (10/100/1000)
g. LPT
h. Audio (MIC, Line-Out, Line-in)
i. PCMCIA
j. CompactFlash
k. Power Switch, Fuse (3.15A),
Power Receptor
l. Speaker
383
64.5
373
4.5
306.1
* Windows XPe supports 10 lanquaqes with MUI. (English, Traditional Chinese, Simplifed Chinese, French, German, Spanish, Russian, Italian, Japanese and Korean)
Dimensions
Unit: mm


Similar Part No. - TPC-1570H-P2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-1571H-D3AE ADVANTECH-TPC-1571H-D3AE Datasheet
721Kb / 2P
   15" XGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
More results

Similar Description - TPC-1570H-P2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-1270H ADVANTECH-TPC-1270H Datasheet
764Kb / 2P
   12.1 SVGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
TPC-870H ADVANTECH-TPC-870H Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
logo
List of Unclassifed Man...
TPC-1270H ETC2-TPC-1270H Datasheet
393Kb / 2P
   Intel짰 Pentium짰 M/Celeron짰 M Touch Panel Computer with 12.1
logo
Advantech Co., Ltd.
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
   15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
   15" XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-8151S ADVANTECH-IPPC-8151S Datasheet
646Kb / 2P
   15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with Stainless Steel
TPC-1571H-D3AE ADVANTECH-TPC-1571H-D3AE Datasheet
721Kb / 2P
   15" XGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
IPPC-6152F ADVANTECH-IPPC-6152F Datasheet
700Kb / 2P
   15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
logo
Axiomtek Co., Ltd.
GOT5152T-834 AXIOMTEK-GOT5152T-834_17 Datasheet
690Kb / 2P
   15 XGA TFT Fanless Touch Panel Computer with Intel Celeron
logo
Advantech Co., Ltd.
TPC-1582H-433AE ADVANTECH-TPC-1582H-433AE Datasheet
733Kb / 2P
   15" XGA TFT LED LCD 4th. Gen. Intel짰 Core??i3 Touch Panel Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com