Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1010-QH Datasheet(PDF) 1 Page - Mimix Broadband

Part # U1010-QH
Description  17.0-34.0 GHz Up-Converter QFN, 4x4mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

U1010-QH Datasheet(HTML) 1 Page - Mimix Broadband

  U1010-QH Datasheet HTML 1Page - Mimix Broadband U1010-QH Datasheet HTML 2Page - Mimix Broadband U1010-QH Datasheet HTML 3Page - Mimix Broadband U1010-QH Datasheet HTML 4Page - Mimix Broadband U1010-QH Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
17.0-34.0 GHz Up-Converter
QFN, 4x4mm
Page 1 of 5
Features
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2010 - Rev 12-Feb-10
U1010-QH
Integrated Balanced Mixer, LO Buffer and LO Doubler
+23.0 dBm Input Third Order Intercept (IIP3)
+2.0 dBm LO Drive Level
4x4mm QFN Package
100% RF and DC Testing
Electrical Characteristics (AmbientTemperature T = 25 oC)
Parameter
Frequency Range (RF)
Frequency Range (LO)
Frequency Range (IF)
Conversion Loss (CL)
Input Third Order Intercept (IIP3)
LO Input Drive
RF Input Return Loss
LO Input Return Loss
IF Input Return Loss
2xLO Leakage at RF
1xLO Leakage at RF
Drain Bias Voltage (Vd1,2)
Gate Bias Voltage (Vg1)
Gate Bias Voltage (Vg2,3)
Gate Bias Voltage (Vss)
Supply Current (Id1)
Supply Current (Id2)
Supply Current (Iss)
Units
GHz
GHz
GHz
dB
dBm
dBm
dB
dB
dB
dBm
dBm
VDC
VDC
VDC
VDC
mA
mA
mA
Min.
17
8
DC
Typ.
10
23
2
15
15
15
-20
-30
4.0
~ -0.2
-0.8
-4.0
130
~ 60
45
Max.
34
20
3.5
Mimix Broadband’s 17.0-34.0 GHz GaAs packaged
up-converter has an input third order intercept point
of +23.0 dBm and 10.0 dB of conversion loss.The
device consists of a balanced resistive pHEMT mixer,
LO buffer amplifier and LO doubler packaged in an
industry standard, fully molded 4x4mm QFN package.
IF and *IF mixer inputs are provided and an external
180 degree hybrid is required.The device includes
on-chip ESD protection structures and DC by-pass
capacitors to ease the implementation and volume
assembly of the packaged part. This device is well
suited for Millimeter-wave Point-to-Point Radio, LMDS,
SATCOM and VSAT applications.
General Description
Absolute Maximum Ratings1
Drain Voltage Supply (Vdd)
Drain Current (Ids)
Input Power (Pin) IF
Input Power (Pin) LO
Storage Temperature (Tstg)
Operating Temperature (Tb)
ESD Min. - Machine Model (MM)
ESD Min. - Human Body Model (HBM)
MSL Level
+4.3V
350 mA
+5 dBm
+10 dBm
-65 to +165 ºC
-55 to +85 ºC
Class A
Class 0
MSL3


Similar Part No. - U1010-QH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U10 ETC2-U10 Datasheet
206Kb / 2P
   USB Network Interface ??TP/FT-10 Channel
logo
Amphenol Communications...
U10 AMPHENOLCS-U10 Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
logo
Intronics Power, Inc.
U10-12D12 INTRONICS-U10-12D12 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D15 INTRONICS-U10-12D15 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D5 INTRONICS-U10-12D5 Datasheet
146Kb / 1P
   DC/DC MODULES
More results

Similar Description - U1010-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1019-QH MIMIX-XR1019-QH Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
XU1019-QH MIMIX-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter QFN, 4x4mm
XU1014-QH MIMIX-XU1014-QH Datasheet
850Kb / 1P
   8.0-18.0 GHz Up-Converter QFN, 4x4mm
XU1010-QH MIMIX-XU1010-QH Datasheet
847Kb / 1P
   16.0-36.0 GHz Up-Converter QFN, 4x4mm
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
XX1003-QC MIMIX-XX1003-QC Datasheet
171Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
30DBL0537-QC MIMIX-30DBL0537-QC Datasheet
305Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XX1007-QT MIMIX-XX1007-QT_10 Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com