Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD-525-523 Datasheet(PDF) 1 Page - EPIGAP optoelectronic GmbH

Part # ELD-525-523
Description  LED - Lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPIGAP [EPIGAP optoelectronic GmbH]
Direct Link  http://www.epigap-berlin.com
Logo EPIGAP - EPIGAP optoelectronic GmbH

ELD-525-523 Datasheet(HTML) 1 Page - EPIGAP optoelectronic GmbH

  ELD-525-523 Datasheet HTML 1Page - EPIGAP optoelectronic GmbH ELD-525-523 Datasheet HTML 2Page - EPIGAP optoelectronic GmbH ELD-525-523 Datasheet HTML 3Page - EPIGAP optoelectronic GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer.
LED - Lamp
16.11.2007
rev. 02
Radiation
Green
Note: Special packages with standoff available on request
Maximum Ratings
Tamb = 25°C, unless otherwise specified
Symbol
Value
Unit
IF
20
mA
IFM
100
mA
PD
65
mW
Tamb
-40 to +85
°C
Tstg
-40 to +100
°C
Junction temperature
TJ
100
°C
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
Parameter*
Test
conditions
Symbol
Min
Typ
Max
Unit
Forward voltage
IF = 20 mA
VF
3.4
4.0
V
Reverse voltage
IR = 100 µA
VF
5V
Radiant power
IF = 20 mA
Φe
2.4
3.4
mW
Radiant intensity
IF = 20 mA
Ιe
15
20
mW/sr
Luminous intensity
IF = 20 mA
Ιv
4900
7000
mcd
Peak wavelength
IF = 20 mA
λp
510
515
520
nm
Dominant wavelength
IF = 20 mA
λD
525
nm
Viewing angle
IF = 20 mA
ϕ
15
deg.
Switching time
IF = 20 mA
tr, tf
15
ns
Note: All measurements carried out on EPIGAP equipment
Optical communications, safety equipment,
automation, optical sensors
Type
Standard
Description
Applications
Reliable high-speed green LED in standard
5 mm package, narrow beam angle, housing
without standoff leads
ELD-525-523
Case
5 mm plastic lens
Technology
InGaN/Al2O3
Parameter
Forward current (DC)
Peak forward current
Test сonditions
(tP ≤ 50 µs, tP /T = 1/2)
Power dissipation
Operating temperature range
Storage temperature range
*measured after 30s current flow
8,6
±0,3
1,0 min
1
±0,2
Ø5,9
±0,2
Anode
Ø5,0
±0,3
25,4 min
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Köpenicker Str.325 b, Haus 201
Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 3


Similar Part No. - ELD-525-523

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELD-525-524 EPIGAP-ELD-525-524 Datasheet
93Kb / 1P
   LED - Lamp
More results

Similar Description - ELD-525-523

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com