Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCPHC3606AG1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCPHC3606AG1
Description  PIN HEADER DUAL BODY SINGLE ROW - 2.0MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCPHC3606AG1 Datasheet(HTML) 1 Page - Dubilier

  DBCPHC3606AG1 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
185
PIN HEADER
DUAL BODY SINGLE ROW - 2.0MM
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Gold plated contacts
No. of contacts 02 to 43
2.00mm pitch
DBC
PH
C36
10
A
Dubilier
Connectors
PinHeader
Connector
Series
No.ofContacts
02=2way
throto
43=43way
ContactMaterial
A=Brass
ContactPlating
G=GoldPlating
G
Colour
1=Black
1
X
Y
2.0
2.0
2.0
2.0
E
E
H
H
F
F
G
G
mm
mm
mm
mm
0.5
x
2.00 * Position No.
y
2.00 * (Position No.-1)
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT&Glass-FibreReinforcedUL94V-0
Current Rating:
1ADC
Contact Resistance:
30MΩMaxat6VDC0.3A
Insulator Resistance:
1000MΩMinat500VDC
Dielectric Withstanding
Voltage:
500VACforOneMinute
Operating Temperature:
-40°Cto+105°C


Similar Part No. - DBCPHC3606AG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC3002AG1-XXX DUBILIER-DBCPHC3002AG1-XXX Datasheet
118Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
DBCPHC3002AS1-XXX DUBILIER-DBCPHC3002AS1-XXX Datasheet
118Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
DBCPHC3002AT1-XXX DUBILIER-DBCPHC3002AT1-XXX Datasheet
118Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
DBCPHC3003AG1-XXX DUBILIER-DBCPHC3003AG1-XXX Datasheet
118Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
DBCPHC3003AS1-XXX DUBILIER-DBCPHC3003AS1-XXX Datasheet
118Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
More results

Similar Description - DBCPHC3606AG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC3710AG1 DUBILIER-DBCPHC3710AG1 Datasheet
102Kb / 1P
   PIN HEADERS DUAL BODY DUAL ROW - 2.0MM
DBCPHC3510AG1 DUBILIER-DBCPHC3510AG1 Datasheet
102Kb / 1P
   PIN HEADER DUAL ROW STRAIGHT SMT - 2.0MM
logo
Global Connector Techno...
BF030 GCT-BF030 Datasheet
116Kb / 1P
   2.0mm Pitch Pin Header Dual Row, Surface Mount
26th October 2007
logo
Dubilier
DBCPHC1932AG1-XXX DUBILIER-DBCPHC1932AG1-XXX Datasheet
74Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW
logo
Cvilux Corporation
CH2101S CVILUX-CH2101S Datasheet
99Kb / 1P
   2.00MM(.079") SINGLE ROW DUAL BODY BORAD MOUNT PIN HEADER
CH0301S CVILUX-CH0301S Datasheet
105Kb / 1P
   1.27mm(.0507) SINGLE ROW DUAL BODY BOARD MOUNT PIN HEADER
logo
SUYIN USA, INC.
200170MS SUYIN-USA-200170MS Datasheet
149Kb / 1P
   2.0mm DUAL ROW ACTIVE EJECT PIN HEADER STRAIGHT TYPE
logo
Cvilux Corporation
CH2102S CVILUX-CH2102S Datasheet
114Kb / 1P
   2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH0302S CVILUX-CH0302S Datasheet
116Kb / 1P
   1.27mm(.050%) SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
logo
Dubilier
DBCPHC4604AG1-XXX DUBILIER-DBCPHC4604AG1-XXX Datasheet
101Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW 1.27mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com