Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCRC1.272030500 Datasheet(PDF) 1 Page - Dubilier

Part # DBCRC1.272030500
Description  FLAT RIBBON CABLE 1.27mm PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRC1.272030500 Datasheet(HTML) 1 Page - Dubilier

  DBCRC1.272030500 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
328
FLAT RIBBON CABLE
1.27mm PITCH
SPECIFICATION
ORDERING INFORMATION
DBC
RC
1.27
10
Dubilier
Connectors
RibbonCable
Pitch
1.27=1.27mm
Pitch
NoofWays
10=10ways
Throto
64=64ways
30500
Length
inmm
(30metres,
100feet)
28 AWG Stranded Tinned Copper Wire
Grey With Red Strip
Available in 9 - 64 Ways
OUTLINE DRAWING
General
Temperature Rating:
-20˚Cto105˚C
Flammability Rating:
UL-VW-ICSA-FTI
Voltage Rating:
300v
Electrical
Impedance:
115Ω(Unbalanced)
Capacitance:
12.2pf/ft
Inductance:
14uH/ft
Propagation Delay:
1.4nS/ft
Insulation Resistance:
1GΩ/Mmin
Insulation Material:
PolyvinylChloride(PVC)


Similar Part No. - DBCRC1.272030500

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRC1.271030500 DUBILIER-DBCRC1.271030500 Datasheet
151Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
DBCRC1.271030500 DUBILIER-DBCRC1.271030500_11 Datasheet
151Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
DBCRC1.276430500 DUBILIER-DBCRC1.276430500 Datasheet
151Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
More results

Similar Description - DBCRC1.272030500

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRC1.271030500 DUBILIER-DBCRC1.271030500_11 Datasheet
151Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
logo
Wurth Elektronik GmbH &...
63911215521CAB WURTH-63911215521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63910815521CAB WURTH-63910815521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63912015521CAB WURTH-63912015521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63910615521CAB WURTH-63910615521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63911015521CAB WURTH-63911015521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63910415521CAB WURTH-63910415521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63911415521CAB WURTH-63911415521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63911615521CAB WURTH-63911615521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
logo
Assmann Electronics Inc...
AWG28-10-F-300 ASSMANN-AWG28-10-F-300 Datasheet
40Kb / 1P
   Flat Ribbon cable - Multicolor 1.27mm Pitch, 300 feet-13 reel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com