Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCRJ20ES50611 Datasheet(PDF) 1 Page - Dubilier

Part # DBCRJ20ES50611
Description  NETWORKING SOCKETS TOP ENTRY PCB JACK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJ20ES50611 Datasheet(HTML) 1 Page - Dubilier

  DBCRJ20ES50611 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
357
NETWORKING SOCKETS
TOP ENTRY PCB JACK
ORDERING INFORMATION
Top entry
4, 6, 8 way available
Board solderable
Competitively priced
Stocked line
SPECIFICATION
OUTLINE DRAWING
Current Rating
3A
Contact Resistance
30mΩmaxatDC100mA
Dielectric withstanding Voltage AC500Vfor1minute
Insulation Resistance
1000mΩminatDC500V
Plating
SelectivegoldplatingoverNickelTinplateonsolderfoils
Housing
UL94V0Standard
Colour
BlackandGrey
Contact
0.35mmPhosphorbronze
Operating Temperature
-55˚Cto+105˚C
DBC
RJ20ES
1
0011
Dubilier
Connectors
Series
Colour
1=Black
5=Grey
No.ofWays
0411=4way
0611=6way
0011=8way
1
4
13.8
16.50
OPTIONAL
FLANGE
11.43+0.2
2.9
X
2.50
15.9
3.05
1.27
6.48
16.38
10.88
2.54+0.2
3.25+0.25
7.62
1
4
1
4
13.8
16.50
OPTIONAL
FLANGE
11.43+0.2
13.81
1.27
8.89
7.62
2.54
0.90
3.20
RECOMMENDED PCB LAYOUT
(COMPONENT SIDE)
RECOMMENDED PANEL LAYOUT
11.93
16.40
2.9
X
2.50
15.9
3.05
1.27
6.48
16.38
10.88
2.54+0.2
3.25+0.25
7.62
3.30
2.00
1.20
3.35
3.10
+0.13
-0.05
DETAIL X
1
4
1
4
13.8
16.50
OPTIONAL
FLANGE
11.43+0.2
13.81
1.27
8.89
7.62
2.54
0.90
3.20
RECOMMENDED PCB LAYOUT
(COMPONENT SIDE)
RECOMMENDED PANEL LAYOUT
11.93
16.40
2.9
X
2.50
15.9
3.05
1.27
6.48
16.38
10.88
2.54+0.2
3.25+0.25
7.62
3.30
2.00
1.20
3.35
3.10
+0.13
-0.05
DETAIL X
11.93
16.40
1.27
2.90
11.43
8.89
1.27
3.05
16.38
3.25±0.25
3.9
X
FLANGE
8.89
Ø0.90(8)
Ø3.20(8)
11.43
1
8
1.27
16.0
15.50±0.2
11.91
0.60
Ø3.30±0.13
3.65±0.13
DETAIL X
Recommended PCB Layout
(Component Side)
Recommended Panel Cut-out
1.27
3.05
16.38
3.25±0.25
3.9
X
2.90
11.43
8.89
1.27
8.89
Ø0.90(8)
Ø3.20(8)
11.43
1
8
1.27
16.0
0.60
Ø3.30±0.13
3.65±0.13
DETAIL X
1.27
2.90
10.16
3.05
16.38
3.25±0.25
2.9
X
OPTIONAL
FLANGE
6.35
Ø0.90
Ø3.20
10.16
1
6
1.27
15.50±0.2
9.88
Ø3.10
3.35±0.13
-0.05
DETAIL X
Recommended PCB Layout
(Component Side)
13.96
15.9
2P
4P
6P
1
6
1.27
3.05
16.38
3.25±0.25
2.9
X
2.90
10.16
2P
4P
6P
6.35
Ø0.90
Ø3.20
10.16
1
6
1.27
Ø3.10
3.35±0.13
-0.05
DETAIL X
13.96


Similar Part No. - DBCRJ20ES50611

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ20ES50611 DUBILIER-DBCRJ20ES50611 Datasheet
705Kb / 2P
   NETWORKING SOCKETS TOP ENTRY PCB JACK
More results

Similar Description - DBCRJ20ES50611

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJS86F DUBILIER-DBCRJS86F Datasheet
71Kb / 1P
   NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F_11 Datasheet
705Kb / 2P
   NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS44D DUBILIER-DBCRJS44D_11 Datasheet
439Kb / 5P
   NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS44D DUBILIER-DBCRJS44D Datasheet
71Kb / 1P
   NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS66C DUBILIER-DBCRJS66C Datasheet
82Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS66C DUBILIER-DBCRJS66C_11 Datasheet
151Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS88E DUBILIER-DBCRJS88E Datasheet
72Kb / 1P
   NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK (A)
DBCRJS64H DUBILIER-DBCRJS64H_11 Datasheet
128Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
DBCRJS64H DUBILIER-DBCRJS64H Datasheet
74Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
logo
Pulse A Technitrol Comp...
E5288-3A0C02-L PULSE-E5288-3A0C02-L Datasheet
97Kb / 1P
   RJ45 TOP ENTRY PCB JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com