Electronic Components Datasheet Search |
|
DBCPLCC28SMT Datasheet(PDF) 1 Page - Dubilier |
|
DBCPLCC28SMT Datasheet(HTML) 1 Page - Dubilier |
|
1 / 1 page Fax: 01371 875075 www.dubilier.co.uk Tel: 01371 875758 316 OUTLINE DRAWING IC SOCKETS PLCC SPECIFICATION ORDERING INFORMATION Competitively priced products Low profile Through hole or surface mount 20, 28, 32, 44, 52, 68 and 84way Material - PBT and PPS DBC PLCC 20 Dubilier Connectors Series PLCC 20=20way 28=28way 32=32way 44=44way 52=52way 68=68way 84=84way Package Style SMT=Surface Mount Blank=Through Hole SMT A B C D 1.27 0.55 4.5 A 0.55 4.5 C 0.55 1.5 C E 0.55 1.50 A 1.52 No. of Ways D A 7.7 E C 1.27 D E 1.2 8.3 3.3 A D A 7.7 E C 1.27 D E 1.2 8.3 3.3 A A B C D 1.27 0.55 4.5 A 0.55 4.5 C 0.55 1.5 C E 0.55 1.50 A 1.52 Current Rating: 1A Contact Material: Phosphor Bronze Contact Plating: Tin or Selective Plated Insulator Material: (1) 30% Glass Filled P.B.T. (UL94V-0) - Through hole (2) 40% Glass Filled P.P.S. (UL94V-0) - Surface Mount Dielectric Withstanding Voltage: AC 600 V Insulation Resistance: 1000 MΩ min. Contact Resistance: 20 MΩ max. Operating Temperature: -45˚C to +105˚C. SuRFACE MOuNT THROuGH HOLE No. of A B C D E Contacts ±0.2 ±0.2 ±0.2 ±0.1 ±0.1 20 5.08 15.64 5.08 15.64 12.72 28 7.62 18.82 1.62 18.28 15.27 32 7.62 18.82 10.16 20.82 17.80 44 12.70 23.28 12.70 23.28 20.32 52 15.24 25.84 15.24 25.84 22.90 68 20.32 30.94 20.32 30.94 27.94 84 25.40 36.04 25.40 36.40 33.06 No. of A B C D E Contacts ±0.2 ±0.2 ±0.2 ±0.1 ±0.1 20 15.50 15.50 16.70 5.08 5.08 28 18.00 18.00 20.38 7.62 7.62 32 18.00 20.58 22.34 7.62 10.16 44 23.58 23.58 27.60 12.70 12.70 52 25.90 25.90 31.40 15.24 15.24 68 31.80 31.80 38.34 20.32 20.32 84 36.70 36.70 45.60 25.40 25.40 SuRFACE MOuNT THROuGH HOLE Options TR=Tape+Reel Blank=Loose TR |
Similar Part No. - DBCPLCC28SMT |
|
Similar Description - DBCPLCC28SMT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |