Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCPHC4606AT1-XXX Datasheet(PDF) 1 Page - Dubilier

Part # DBCPHC4606AT1-XXX
Description  PIN HEADERS DUAL BODY SINGLE ROW 1.27mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCPHC4606AT1-XXX Datasheet(HTML) 1 Page - Dubilier

  DBCPHC4606AT1-XXX Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
193
Industry compatible
Competitively priced
Various plated contacts available
1.27mm pitch
Various pin lengths available
PIN HEADERS
DUAL BODY SINGLE ROW 1.27mm
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
DBC
PH
C46
04
Dubilier
Connectors
PinHeader
Connector
Series
ContactPlating
G=GoldFlash
S=Selective
T=TinPlated
otherplating
Available
Colour
1=Black
G
ContactMaterial
A=Brass
A
1
NºofWays
02=02way
Throto
40=40way
UniqueSpecial
Code
*SeeBelow
-XXX
*Dubilier will allocate a special code to
distinguish pin lengths if required
2.5
X
Y
0.46*0.46
2.5
2.5
1.27
E
E
mm
mm
mm
mm
H
H
G
G
F
F
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT&Glass-FibreReinforcedUL94V-0
Current Rating:
1ADC
Contact Resistance:
30MΩMaxat6VDC0.3A
Insulator Resistance:
3000MΩMinat500VDC
Dielectric Withstanding
Voltage:
500VACforOneMinute
Operating Temperature:
-40°Cto+105°C
RO
DUC
NEW


Similar Part No. - DBCPHC4606AT1-XXX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC4502AG1-XXX DUBILIER-DBCPHC4502AG1-XXX Datasheet
115Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 1.27mm
DBCPHC4502AS1-XXX DUBILIER-DBCPHC4502AS1-XXX Datasheet
115Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 1.27mm
DBCPHC4502AT1-XXX DUBILIER-DBCPHC4502AT1-XXX Datasheet
115Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 1.27mm
DBCPHC4503AG1-XXX DUBILIER-DBCPHC4503AG1-XXX Datasheet
115Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 1.27mm
DBCPHC4503AS1-XXX DUBILIER-DBCPHC4503AS1-XXX Datasheet
115Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 1.27mm
More results

Similar Description - DBCPHC4606AT1-XXX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC1932AG1-XXX DUBILIER-DBCPHC1932AG1-XXX Datasheet
74Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW
DBCPHC1104AG1-XXX DUBILIER-DBCPHC1104AG1-XXX Datasheet
89Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 1.27MM
DBCPHC0910AG1 DUBILIER-DBCPHC0910AG1 Datasheet
101Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 1.27MM
DBCPHC2032AG1-XXX DUBILIER-DBCPHC2032AG1-XXX Datasheet
136Kb / 1P
   PIN HEADERS DUAL BODY DOUBLE ROW
DBCPHC3710AG1 DUBILIER-DBCPHC3710AG1 Datasheet
102Kb / 1P
   PIN HEADERS DUAL BODY DUAL ROW - 2.0MM
DBCPHC4732AG1-XXX DUBILIER-DBCPHC4732AG1-XXX Datasheet
91Kb / 1P
   PIN HEADERS DUAL ROW SMT STRAIGHT 1.27mm
DBCPHC1204AG1-XXX DUBILIER-DBCPHC1204AG1-XXX Datasheet
77Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 1.27MM
DBCPHC4504AG1-XXX DUBILIER-DBCPHC4504AG1-XXX Datasheet
115Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 1.27mm
DBCPHC1010AG1 DUBILIER-DBCPHC1010AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
logo
Cvilux Corporation
CH0301S CVILUX-CH0301S Datasheet
105Kb / 1P
   1.27mm(.0507) SINGLE ROW DUAL BODY BOARD MOUNT PIN HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com