Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCPLCC68SMT Datasheet(PDF) 1 Page - Dubilier

Part # DBCPLCC68SMT
Description  IC SOCKETS PLCC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCPLCC68SMT Datasheet(HTML) 1 Page - Dubilier

  DBCPLCC68SMT Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
316
OUTLINE DRAWING
IC SOCKETS
PLCC
SPECIFICATION
ORDERING INFORMATION
Competitively priced products
Low profile
Through hole or surface mount
20, 28, 32, 44, 52, 68 and 84way
Material - PBT and PPS
DBC
PLCC
20
Dubilier
Connectors
Series
PLCC
20=20way
28=28way
32=32way
44=44way
52=52way
68=68way
84=84way
Package Style
SMT=Surface
Mount
Blank=Through
Hole
SMT
A
B
C D
1.27
0.55
4.5
A
0.55
4.5
C
0.55
1.5
C
E
0.55
1.50
A
1.52
No. of Ways
D
A
7.7
E
C
1.27
D
E
1.2
8.3
3.3
A
D
A
7.7
E
C
1.27
D
E
1.2
8.3
3.3
A
A
B
C D
1.27
0.55
4.5
A
0.55
4.5
C
0.55
1.5
C
E
0.55
1.50
A
1.52
Current Rating:
1A
Contact Material:
Phosphor Bronze
Contact Plating:
Tin or Selective Plated
Insulator Material:
(1) 30% Glass Filled P.B.T. (UL94V-0) - Through hole
(2) 40% Glass Filled P.P.S. (UL94V-0) - Surface Mount
Dielectric Withstanding Voltage: AC 600 V
Insulation Resistance:
1000 MΩ min.
Contact Resistance:
20 MΩ max.
Operating Temperature:
-45˚C to +105˚C.
SuRFACE MOuNT
THROuGH HOLE
No. of
A
B
C
D
E
Contacts
±0.2
±0.2
±0.2
±0.1
±0.1
20
5.08
15.64
5.08
15.64
12.72
28
7.62
18.82
1.62
18.28
15.27
32
7.62
18.82
10.16
20.82
17.80
44
12.70
23.28
12.70
23.28
20.32
52
15.24
25.84
15.24
25.84
22.90
68
20.32
30.94
20.32
30.94
27.94
84
25.40
36.04
25.40
36.40
33.06
No. of
A
B
C
D
E
Contacts
±0.2
±0.2
±0.2
±0.1
±0.1
20
15.50
15.50
16.70
5.08
5.08
28
18.00
18.00
20.38
7.62
7.62
32
18.00
20.58
22.34
7.62
10.16
44
23.58
23.58
27.60
12.70
12.70
52
25.90
25.90
31.40
15.24
15.24
68
31.80
31.80
38.34
20.32
20.32
84
36.70
36.70
45.60
25.40
25.40
SuRFACE MOuNT
THROuGH HOLE
Options
TR=Tape+Reel
Blank=Loose
TR


Similar Part No. - DBCPLCC68SMT

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPLCC68SMTTR DUBILIER-DBCPLCC68SMTTR Datasheet
170Kb / 1P
   IC SOCKETS PLCC
More results

Similar Description - DBCPLCC68SMT

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR_11 Datasheet
170Kb / 1P
   IC SOCKETS PLCC
logo
Adam Technologies, Inc.
PLCC-20-AT ADAM-TECH-PLCC-20-AT Datasheet
128Kb / 2P
   PLCC SOCKETS
PLCC-32-AT-SMT ADAM-TECH-PLCC-32-AT-SMT Datasheet
114Kb / 1P
   PLCC SOCKETS
PLCC68AT ADAM-TECH-PLCC68AT Datasheet
120Kb / 1P
   PLCC SOCKETS
logo
Precid-Dip Durtal SA
510-83-257-19-081101 PREDIP-510-83-257-19-081101 Datasheet
23Kb / 4P
   PGA / BGA / PLCC SOCKETS
540-88-032-17-400 PREDIP-540-88-032-17-400 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
540-88-044-17-400 PREDIP-540-88-044-17-400 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
540-88-032-17-400-TR PREDIP-540-88-032-17-400-TR Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
510-83-179-18-112101 PREDIP-510-83-179-18-112101 Datasheet
23Kb / 4P
   PGA / BGA / PLCC SOCKETS
540-88-020-17-400 PREDIP-540-88-020-17-400 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com