Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65152-11 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY65152-11
Description  2.4-2.5 GHz WLAN Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65152-11 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY65152-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65152-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65152-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65152-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65152-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65152-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65152-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65152-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65152-11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DATA SHEET • SKY65152-11 POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200968F • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 19, 2009
3
Table 2. SKY65152-11 Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
RF output power
POUT
+30
dBm
Supply voltage (VCC, VC_BIAS, and PA_ENB)
(Note 2)
VCC
4.5
5.5
V
Total supply current
ICC
850
mA
Reference voltage (Note 2)
VREF
4
V
Detector supply voltage (VCC_DET) (Note 2)
4
V
Power dissipation
PD
3.3
W
Case temperature
TC
–40
+85
C
Storage temperature
TSTG
–55
+125
C
Junction temperature
TJ
+150
C
Thermal resistance
ΘJC
20
°C/W
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
Note 2: Voltage levels measured at the pins of the package. The Evaluation Board supply voltage levels may be different. Refer to the Evaluation Board schematic diagram in this document.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SKY65152-11 Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
RF output power
POUT
+27
dBm
Supply voltage (Note 1)
VCC, VC_BIAS
5
V
Reference voltage (Note 1)
VREF
2.5
V
Detector supply voltage (Note 1)
VCC_DET
3.6
V
Operating frequency
f
2412
2462
MHz
Case temperature
TC
–40
+25
+85
C
Note 1: Voltage levels measured at the pins of the package. The Evaluation Board supply voltage levels may be different. Refer to the Evaluation Board schematic diagram in this document.


Similar Part No. - SKY65152-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY65152-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
SKY65174-21 SKYWORKS-SKY65174-21 Datasheet
1Mb / 13P
   2.4 to 2.5 GHz WLAN Power Amplifier Module
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43024 AVAGO-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com