Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77197 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77197
Description  Dual-Band PA Module for WCDMA / HSDPA Band I (1920 - 1980 MHz) and Band V (824 - 849 MHz)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77197 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77197 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77197 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201065A • Skyworks Proprietary and Confidential information. • Products and product information are subject to change without notice. • April 20, 2009
1
PRODUCT SUMMARY
SKY77197 Dual-Band PA Module for WCDMA / HSDPA
Band I (1920–1980 MHz) and Band V (824–849 MHz)
APPLICATIONS
• WCDMA handsets
• HSDPA
Features
• Low voltage positive bias
supply: 3.2 V to 4.2 V
• Good linearity
• High efficiency
- 40% @ 28.25 dBm
• Large dynamic range
• 14-pad package
- 5 mm x 4 mm x 0.85 mm
• Power down control
• InGaP
• Supports low collector
voltage operation
• Digital Enable
• No VREF required
• CMOS compatible control
signals
• Integrated Directional
Coupler
The SKY77197 Power Amplifier Module (PAM) is a fully matched, 14-pad, surface mount module
developed for Wideband Code Division Multiple Access (WCDMA) applications. This small and efficient
module packs full WCDMA Band I and Band V coverage into a single compact package. The
SKY77197 meets the stringent spectral linearity requirements of WCDMA transmission, with high
power added efficiency for power output to 28.25 dBm (Band I and Band V). The SKY77197 meets the
stringent spectral linearity requirements of High Speed Downlink Packet Access (HSDPA) data
transmission with high power added efficiency. A directional coupler is integrated into the module
thus eliminating the need for any external coupler.
The single Gallium Arsenide (GaAs) Microwave Monolithic Integrated Circuit (MMIC) contains all active
circuitry in the module. The MMIC contains on-board bias circuitry, as well as input and interstage
matching circuits. Output match into a 50-ohm load is realized off-chip within the module package to
optimize efficiency and power performance.
The SKY77197 PAM is manufactured with Skyworks’ InGaP GaAs Heterojunction Bipolar Transistor
(HBT) BiFET process that provides for all positive voltage DC supply operation while maintaining high
efficiency and good linearity. No VREF voltage is required. Power down is accomplished by setting the
voltage on VENABLE to zero volts. No external supply side switch is needed as typical “off” leakage is
a few microamperes with full primary voltage supplied from the battery.
Figure 1. Functional Block Diagram


Similar Part No. - SKY77197

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77191 SKYWORKS-SKY77191 Datasheet
75Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA Band IV (1710??785 MHz)
SKY77192-14 SKYWORKS-SKY77192-14 Datasheet
82Kb / 2P
   Power Amplifier Module for CDMA2000
SKY77195 SKYWORKS-SKY77195 Datasheet
76Kb / 2P
   Dual-Band PA Module for WCDMA / HSDPA Band I (1920-1980 MHz) and Band VIII (880-915 MHz)
SKY77196 SKYWORKS-SKY77196 Datasheet
77Kb / 2P
   Dual-Band PA Module for WCDMA / HSDPA Band II (1850-1910 MHz) and Band V (824-849 MHz)
SKY77198-12 SKYWORKS-SKY77198-12 Datasheet
74Kb / 2P
   Power Amplifier Module for TD-SCDMA (1880-1920 MHz, 2010-2025 MHz)
More results

Similar Description - SKY77197

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77195 SKYWORKS-SKY77195 Datasheet
76Kb / 2P
   Dual-Band PA Module for WCDMA / HSDPA Band I (1920-1980 MHz) and Band VIII (880-915 MHz)
SKY77175-13 SKYWORKS-SKY77175-13 Datasheet
78Kb / 2P
   Dual-Band PA Module for WCDMA / HSDPA Band II (1850-1910 MHz) and Band V (824-849 MHz)
SKY77196 SKYWORKS-SKY77196 Datasheet
77Kb / 2P
   Dual-Band PA Module for WCDMA / HSDPA Band II (1850-1910 MHz) and Band V (824-849 MHz)
SKY77188 SKYWORKS-SKY77188 Datasheet
70Kb / 2P
    Power Amplifier Module for WCDMA / HSDPA Band V (824-849 MHz)
SKY77186 SKYWORKS-SKY77186 Datasheet
69Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA Band I (1920-1980 MHz)
SKY77179 SKYWORKS-SKY77179 Datasheet
45Kb / 2P
   AutoSmart PA Module for WCDMA / HSDPA(824-849 MHz)
SKY77701 SKYWORKS-SKY77701 Datasheet
74Kb / 2P
   Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band I (1920-1980 MHz)
SKY77704 SKYWORKS-SKY77704 Datasheet
75Kb / 2P
   Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band V (824-849 MHz)
SKY77446 SKYWORKS-SKY77446 Datasheet
81Kb / 2P
   LIPA Module for WCDMA / HSDPA / HSUPA /HSPA Band I (1920??980 MHz)
SKY77436 SKYWORKS-SKY77436 Datasheet
322Kb / 10P
   Front-End Module for WCDMA / HSDPA / HSUPA Band V (Tx 824-849 MHz), (Rx 869-894 MHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com