Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13321-360LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY13321-360LF
Description  0.1-3.0 GHz GaAs SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13321-360LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY13321-360LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET • SKY13321-360LF SPDT SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201072C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2009
3
Table 4. SKY13321-360LF Electrical Specifications (Note 1)
(VCTL = 0 V and +3V, TOP = +25 C, PIN = 0 dBm, Characteristic Impedance [ZO] = 50
Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Frequency
f
0.1
3.0
GHz
Insertion loss
0.1-1.0 GHz
1.0-2.0 GHz
2.0-2.5 GHz
2.5-3.0 GHz
0.40
0.50
0.55
0.60
0.50
0.60
0.70
0.80
dB
dB
dB
dB
Isolation
0.1-1.0 GHz
1.0-2.0 GHz
2.0-2.5 GHz
2.5-3.0 GHz
23
17
15
13
26
20
18
16
dB
dB
dB
dB
Return loss (insertion loss state)
0.1-3.0 GHz
25
dB
Switching characteristics:
Rise/fall time
On/off time
10/90% or 90/10% RF
50% VCTL to 90/10% RF
650
800
ns
ns
Input power for 0.1 dB compression
130 MHz
900 MHz
2450 MHz
+39
+39
+39
dBm
dBm
dBm
Second and third harmonics
2fo-3fo
PIN = +34.5 dBm,
f = 900 MHz
PIN = +32.0 dBm,
f = 1800 MHz
–75
–70
dBc
dBc
Blocker performance
Tone 1 = 1950 MHz @
+20 dBm,
Tone 2 = 1760 MHz @
–15 dBm, IMD3 measured
@ 2140 MHz
–105
dBm
Control voltage:
Low
High
VCTL_L
VCTL_H
0
1.8
0.2
5.0
V
V
Control current
ICC
VCTL_H = 5 V
100
μA
Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature ranges. Operation at elevated
temperatures may reduce reliability of the device.
Typical Performance Characteristics
(VCTL = 0 V and +3 V, TOP = +25 C, PIN = 0 dBm, Characteristic Impedance [ZO] = 50
Ω, Blocking Capacitors = 100 pF,
Bypass Capacitors = 33 pF, Unless Otherwise Noted)
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
RFC-J1
RFC-J2
Figure 3. Typical Insertion Loss
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
RFC-J1
RFC-J2
Figure 4. Typical Isolation


Similar Part No. - SKY13321-360LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13320-374LF SKYWORKS-SKY13320-374LF Datasheet
163Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
851Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF-EVB SKYWORKS-SKY13322-375LF-EVB Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF_10 Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
More results

Similar Description - SKY13321-360LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13319-374LF SKYWORKS-SKY13319-374LF Datasheet
149Kb / 9P
   0.1-3.0 GHz GaAs SPDT Switch
SKY13323-378LF SKYWORKS-SKY13323-378LF Datasheet
178Kb / 9P
   0.1-3.0 GHz GaAs SPDT Switch
SKY13335-381LF SKYWORKS-SKY13335-381LF Datasheet
285Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
SKY13320-374LF SKYWORKS-SKY13320-374LF Datasheet
163Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
logo
Hexawave, Inc
HWS511_V1 HW-HWS511_V1 Datasheet
63Kb / 2P
   GaAs 0.5-3.0 GHz SPDT Switch
logo
Tyco Electronics
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com