Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJ-505-627 Datasheet(PDF) 2 Page - EPIGAP optoelectronic GmbH

Part # ELJ-505-627
Description  Jumbo-LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPIGAP [EPIGAP optoelectronic GmbH]
Direct Link  http://www.epigap-berlin.com
Logo EPIGAP - EPIGAP optoelectronic GmbH

ELJ-505-627 Datasheet(HTML) 2 Page - EPIGAP optoelectronic GmbH

  ELJ-505-627 Datasheet HTML 1Page - EPIGAP optoelectronic GmbH ELJ-505-627 Datasheet HTML 2Page - EPIGAP optoelectronic GmbH ELJ-505-627 Datasheet HTML 3Page - EPIGAP optoelectronic GmbH ELJ-505-627 Datasheet HTML 4Page - EPIGAP optoelectronic GmbH ELJ-505-627 Datasheet HTML 5Page - EPIGAP optoelectronic GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer.
Jumbo-LED
16.11.2007
rev. 04
ELJ-505-627
Optical Characteristics
at Tamb = 25°C, on heat sink (S ≥ 200 cm²), unless otherwise specified
Parameter
Test
conditions
Symbol
Min
Typ
Max
Unit
Radiant power
IF = 350 mA
Φe
20
30
mW
Radiant power*
IF = 500 mA
Φe
40
mW
Radiant intensity
IF = 350 mA
Ιe
280
540
mW/sr
Radiant intensity*
IF = 500 mA
Ιe
700
mW/sr
Luminous intensity
IF = 350 mA
Ιv
75
145
cd
Luminous intensity*
IF = 500 mA
Ιv
180
cd
Peak wavelength
IF = 350 mA
λp
495
505
515
nm
Spectral bandwidth at 50%
IF = 350 mA
∆λ0.5
30
nm
Viewing angle
IF = 350 mA
ϕ
17
deg
*only recommended on optimal heat sink
Note: All measurements carried out with EPIGAP equipment, on blank aluminium heat sink, S = 180 cm², passive
cooling. Measurement results and curve characteristics obtained with other heat sinks may differ.
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Köpenicker Str.325 b, Haus 201
Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
2 of 5


Similar Part No. - ELJ-505-627

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELJ-525-617 EPIGAP-ELJ-525-617 Datasheet
401Kb / 5P
   Jumbo-LED
ELJ-525-627 EPIGAP-ELJ-525-627 Datasheet
375Kb / 5P
   Jumbo-LED
ELJ-590-628 EPIGAP-ELJ-590-628 Datasheet
455Kb / 5P
   Jumbo-LED
logo
Roithner LaserTechnik G...
ELJ-595-225 ROITHNER-ELJ-595-225 Datasheet
58Kb / 1P
   high-power yellow-led module
More results

Similar Description - ELJ-505-627

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELJ-525-617 EPIGAP-ELJ-525-617 Datasheet
401Kb / 5P
   Jumbo-LED
ELJ-460-617 EPIGAP-ELJ-460-617 Datasheet
416Kb / 5P
   Jumbo-LED
ELJ-690-629 EPIGAP-ELJ-690-629 Datasheet
398Kb / 5P
   Jumbo-LED
ELJ-750-629 EPIGAP-ELJ-750-629 Datasheet
255Kb / 5P
   Jumbo-LED
ELJ-810-619 EPIGAP-ELJ-810-619 Datasheet
325Kb / 5P
   Jumbo-LED
ELJ-870-629 EPIGAP-ELJ-870-629 Datasheet
375Kb / 5P
   Jumbo-LED
ELJ-460-628 EPIGAP-ELJ-460-628 Datasheet
234Kb / 4P
   Jumbo-LED
ELJ-630-648-1 EPIGAP-ELJ-630-648-1 Datasheet
388Kb / 5P
   Jumbo-LED
ELJ-810-649 EPIGAP-ELJ-810-649 Datasheet
274Kb / 5P
   Jumbo-LED
ELJ-830-629 EPIGAP-ELJ-830-629 Datasheet
371Kb / 5P
   Jumbo-LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com