Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13319-374LF Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY13319-374LF
Description  0.1-3.0 GHz GaAs SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13319-374LF Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

  SKY13319-374LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DATA SHEET • SKY13319-374LF SPDT SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
August 7, 2009 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 201096B
C BL
C BL
C BL
J1
J2
RFC
V1
V2
S1534
Figure 7. SKY13319-374LF Evaluation Board Assembly Diagram
6X 0.55
0.50 Pitch
5 X 45
o
6X 0.35
7X Exposed Solder
Area
6X 0.25
0.60
0.05
0.20
0.35
0.70
1.20
S1535
Figure 8. SKY13319-374LF PCB Layout Footprint
(Top View)


Similar Part No. - SKY13319-374LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13314-374LF SKYWORKS-SKY13314-374LF Datasheet
735Kb / 11P
   SKY13314-374LF 0.1-6.0 GHz GaAs SPDT Switch
SKY13316-12LF SKYWORKS-SKY13316-12LF Datasheet
480Kb / 4P
   GaAs IC SPST Non-Reflective Switch 300 kHz -2.5 GHz
SKY13318-321LF SKYWORKS-SKY13318-321LF Datasheet
931Kb / 5P
   PHEMT GaAs IC High-Power 4-CTL DPDT Switch LF - 6 GHz
SKY13318-321LF SKYWORKS-SKY13318-321LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY13319-374LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13321-360LF SKYWORKS-SKY13321-360LF Datasheet
195Kb / 9P
   0.1-3.0 GHz GaAs SPDT Switch
SKY13323-378LF SKYWORKS-SKY13323-378LF Datasheet
178Kb / 9P
   0.1-3.0 GHz GaAs SPDT Switch
SKY13335-381LF SKYWORKS-SKY13335-381LF Datasheet
285Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
SKY13320-374LF SKYWORKS-SKY13320-374LF Datasheet
163Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
logo
Hexawave, Inc
HWS511_V1 HW-HWS511_V1 Datasheet
63Kb / 2P
   GaAs 0.5-3.0 GHz SPDT Switch
logo
Tyco Electronics
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com