Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY12340-364LF Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY12340-364LF
Description  300 kHz - 2.0 GHz Five-Bit Digital Attenuator with Serial-to-Parallel Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY12340-364LF Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY12340-364LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY12340-364LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY12340-364LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY12340-364LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY12340-364LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY12340-364LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY12340-364LF Datasheet HTML 11Page - Skyworks Solutions Inc. SKY12340-364LF Datasheet HTML 12Page - Skyworks Solutions Inc. SKY12340-364LF Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DATA SHEET • SKY12340-364LF FIVE-BIT DIGITAL ATTENUATOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
January 5, 2010 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201111B
S1608
Through-View
From Top
Detail A
32X
Scale = 48X
CL
CL
16X 2.100
2X 1.575
16X 2.100
0.50 Pitch
0.250 Typ.
2X 1.575
0.55
0.25
32X Exposed Solder
Area – See Detail A
Solderable Area
Exposed Solderable
Area – Ground Pad
See Detail A
Pin 32
Pin 1
R0.30
(Pin 1 Indicator)
Package Outline
All measurements are in millimeters
Figure 17. SKY12340-364LF PCB Layout Footprint
Pin 1
Indicator
Skyworks Part #
Lot #
Date Code:
(Y = Calendar Year
WW = Week)
Figure 18. Typical Part Markings


Similar Part No. - SKY12340-364LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12348-350LF SKYWORKS-SKY12348-350LF Datasheet
703Kb / 11P
   0.1-3.0 GHz Four-Bit Digital Attenuator (1 dB LSB)
More results

Similar Description - SKY12340-364LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA107-310 SKYWORKS-AA107-310 Datasheet
159Kb / 6P
   GaAs IC 5-Bit Digital Attenuator with Serial-to-Parallel Driver 300 kHz-2 GHz
logo
Alpha Industries
AA109-310 ALPHA-AA109-310 Datasheet
77Kb / 3P
   GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver 0.5-2.5 GHz
AA107-310 ALPHA-AA107-310 Datasheet
74Kb / 3P
   GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver DC-2 GHz
logo
Skyworks Solutions Inc.
AA109-310 SKYWORKS-AA109-310 Datasheet
172Kb / 6P
   GaAs IC 5-Bit Digital Attenuator With Serial-to-Parallel Driver 0.5-2.5 GHz
AA104-73 SKYWORKS-AA104-73_06 Datasheet
366Kb / 6P
   GaAs IC 1-Bit Digital Attenuator, 32 dB 300 kHz-2.5 GHz
logo
Tyco Electronics
AT65-0106 MACOM-AT65-0106_1 Datasheet
424Kb / 4P
   Digital Attenuator 50dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-107-PIN MACOM-AT-107-PIN Datasheet
184Kb / 4P
   Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 2.0 GHz
AT20-0107 MACOM-AT20-0107_1 Datasheet
248Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-283-PIN MACOM-AT-283-PIN Datasheet
192Kb / 4P
   Digital Attenuator, 15.5dB,5-Bit,TTL Driver, DC-2.0 GHz
MAATCC0005 MACOM-MAATCC0005 Datasheet
289Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com