Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY73126-31 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY73126-31
Description  161.92 MHz High Performance VCO/Synthesizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73126-31 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY73126-31 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY73126-31 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73126-31 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73126-31 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73126-31 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73126-31 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73126-31 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73126-31 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73126-31 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DATA SHEET • SKY73126-31 VCO/SYNTHESIZER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
February 24, 2010 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201112C
Vtune
R1
SP1
SC1
N
PS
CPO RF
R1
Divider
RF
PFD
Mux
(LD/Test)
RF Charge
Pump
N
Divider
Varactor
VCO
S1315
P/P+1
Prescaler
/4
Divider
RF_OUT
PLL
Loop Filter
3-Wire
Serial
Interface
TCXO_IN
(10 or 32 MHz)
RFIN
CLK
LE
3.3 V
Voltage
Regulator
VCC (5 V)
DATA
RFINB
LD
Figure 2. SKY73126-31 Functional Block Diagram
Table 1. SKY73126-31 Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
VCC
+5 V DC power supply
9
GND
Ground
2
GND
Ground
10
DATA
Serial port SPI data input (master out slave in)
3
RF_OUT
RF output
11
LE
Serial port latch enable
4
GND
Ground
12
LD
Lock detect output
5
N/C
No connection
13
GND
Ground
6
GND
Ground
14
TCXO_IN
Frequency reference input
7
N/C
No connection
15
GND
Ground
8
CLK
Serial port clock
16
GND
Ground
Technical Description
The SKY73126-31 is a BiCMOS integer-N synthesizer that offers
high performance, low cost, and low power consumption. The
device also provides programmable charge pump gain.
Serial I/O Control Interface
The SKY73126-31 is programmed through a three-wire serial bus
control interface. The three-wire interface consists of three
signals: CLK (pin 8), LE (pin 11), and the bit serial data line DATA
(pin 10). A serial data input timing diagram is shown in Figure 3.
Timing parameter values are provided in Table 2.
Figure 4 depicts the serial bus, which consists of one 32-bit load
register and four separate 28-bit hold registers. Data is initially
clocked into the load register starting with the Most Significant Bit
(MSB) and ending with the Least Significant Bit (LSB).
The LE signal is used to gate the clock to the load register,
requiring the LE signal to be brought low before the data load.
Data is shifted on the rising edge of CLK. The falling edge of LE
latches the data into the appropriate hold register from the load
register. This programming sequence must be repeated to fill all
four hold registers.
The specific hold register addresses are determined by the wd_0,
wd_1, wd_2, and wd_3 parameters in the load register. These
are the four LSBs (bits [3:0]) as shown in Figure 4. Table 3 lists
the four hold registers and their respective addresses as
determined in the load register.


Similar Part No. - SKY73126-31

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73120 SKYWORKS-SKY73120 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY73120-11 SKYWORKS-SKY73120-11 Datasheet
123Kb / 9P
   890-960 MHz Voltage Controlled Oscillator
SKY73121-11 SKYWORKS-SKY73121-11 Datasheet
265Kb / 22P
   1805 - 1890 MHz High Performance VCO/Synthesizer With Integrated Switch
More results

Similar Description - SKY73126-31

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73100-11 SKYWORKS-SKY73100-11_09 Datasheet
980Kb / 21P
   865-960 MHz High Performance VCO/Synthesizer
SKY73112 SKYWORKS-SKY73112 Datasheet
154Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73101 SKYWORKS-SKY73101 Datasheet
158Kb / 13P
   1800-1990 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73121-11 SKYWORKS-SKY73121-11 Datasheet
265Kb / 22P
   1805 - 1890 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73103-11 SKYWORKS-SKY73103-11_09 Datasheet
244Kb / 22P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY72300-362 SKYWORKS-SKY72300-362 Datasheet
179Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73103 SKYWORKS-SKY73103 Datasheet
172Kb / 18P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112-11 SKYWORKS-SKY73112-11_09 Datasheet
274Kb / 22P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73100 SKYWORKS-SKY73100 Datasheet
157Kb / 13P
   865-960 MHz High Performance VCO/Synthesizer With Integrated Switch
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com