Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65088 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY65088
Description  1.575 GHz GPS Low Noise Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65088 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY65088 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY65088 Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRELIMINARY DATA SHEET • SKY65088 LOW NOISE AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
October 14, 2009 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 201154A
*** TBD ***
Figure 16. SKY65088 Tape and Reel Dimensions


Similar Part No. - SKY65088

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65080-70LF SKYWORKS-SKY65080-70LF Datasheet
172Kb / 11P
   1500-2500 MHz Low Noise Power Amplifier Driver
SKY65081-70LF SKYWORKS-SKY65081-70LF Datasheet
881Kb / 10P
   2000 to 3000 MHz Low-Noise Power Amplifier Driver
More results

Similar Description - SKY65088

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
AM50-0002 MACOM-AM50-0002_1 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Motorola, Inc
MRFIC1502 MOTOROLA-MRFIC1502 Datasheet
163Kb / 7P
   1.575 GHz GPS DOWNCONVERTER
logo
Pulse A Technitrol Comp...
W3213 PULSE-W3213 Datasheet
1Mb / 3P
   1.575 GHz GPS Ceramic Patch Antenna
logo
Johanson Technology Inc...
1575AT54A0010 JOHANSON-1575AT54A0010 Datasheet
308Kb / 5P
   1.575 GHz Multilayer GPS Chip Antenna
logo
Pulse A Technitrol Comp...
W3110 PULSE-W3110 Datasheet
899Kb / 5P
   1.575 GHz Helical GPS SMD Antenna
logo
Tyco Electronics
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com