Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1564 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1564
Description  Triple 1.2A USB Switch in 4mm x 4mm Thin QFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1564 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1564_10 Datasheet HTML 1Page - Maxim Integrated Products MAX1564_10 Datasheet HTML 2Page - Maxim Integrated Products MAX1564_10 Datasheet HTML 3Page - Maxim Integrated Products MAX1564_10 Datasheet HTML 4Page - Maxim Integrated Products MAX1564_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1564_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1564_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1564_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1564_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX1564 triple, current-limited USB switch comes
in a space-saving, 16-pin, 4mm x 4mm thin QFN pack-
age. Each channel meets all IEC specifications for USB
ports. The device is capable of supplying up to 1.2A
from each output. The MAX1564 has multiple protection
features, including thermal shutdown to limit junction
temperature in case of a prolonged short or overload
condition. Reverse-current protection circuitry blocks
current flow from output to input regardless of the
switch state. The IC has accurate, user-programmable
current-limiting circuitry to protect the input supply
against overload.
Each output of the MAX1564 has short-circuit protec-
tion that latches off the switch when the output is short-
ed for more than 20ms, thereby saving system power.
Auto-restart then tests the shorted output with a 25mA
current to determine when the short is removed, then
automatically restarts the output. Independent open-
drain fault signals notify the microprocessor that the
internal current limit has been reached. A 20ms fault-
blanking feature allows momentary faults to be ignored,
such as those caused when hot-swapping into a
capacitive load. This feature helps avoid issuing false
alarms to the host system. Blanking also suppresses
errant fault signals when the device is powering up.
Applications
USB Ports
USB Hubs
Notebook Computers
Desktop Computers
Docking Stations
Features
o Tiny 16-Pin 4mm x 4mm Thin QFN Package
o Reverse-Current Blocking
o Programmable Current Limit
o Auto-Restart when Fault Is Removed
o 12% Accurate Current Limit
o Up to 1.2A Load Current for Each Output
o Thermal-Overload Protection
o Built-In 20ms Fault Blanking
o Compliant with All USB Specifications
o 2.7V to 5.5V Input Supply Range
o Independent Fault Indicator Outputs
o Active-High/Active-Low Select Pin
o ±15kV ESD Protection (with Caps)
Triple 1.2A USB Switch in 4mm x 4mm
Thin QFN
________________________________________________________________
Maxim Integrated Products
1
13
14
15
16
12
4
9
10
11
12
ONC
TOP VIEW
ONB
ONA
THIN QFN
4mm X 4mm
FLTC
FLTB
SEL
SETI
8
7
6
5
3
MAX1564
FLTA
Pin Configuration
Ordering Information
19-3463; Rev 1; 2/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX1564ETE
-40°C to +85°C
16 Thin QFN-EP*
4mm x 4mm
*
EP = Exposed pad.


Similar Part No. - MAX1564_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1564ETE MAXIM-MAX1564ETE Datasheet
324Kb / 11P
   Triple 1.2A USB Switch in 4mm x 4mm Thin QFN
Rev 0; 11/04
More results

Similar Description - MAX1564_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1564 MAXIM-MAX1564 Datasheet
324Kb / 11P
   Triple 1.2A USB Switch in 4mm x 4mm Thin QFN
Rev 0; 11/04
MAX8631X MAXIM-MAX8631X Datasheet
399Kb / 16P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 2; 5/06
MAX8631 MAXIM-MAX8631 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX8631 MAXIM-MAX8631_08 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
logo
Linear Technology
LTC3445 LINER-LTC3445 Datasheet
474Kb / 24P
   I2C Controllable Buck Regulator with Two LDOs in a 4mm 횞 4mm QFN
logo
Hitachi Metals, Ltd
ESI-4AFR2.017G01-T HITACHI-METALS-ESI-4AFR2.017G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4DCR0.836M01-T HITACHI-METALS-ESI-4DCR0.836M01-T Datasheet
22Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AFR1.444G01-T HITACHI-METALS-ESI-4AFR1.444G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.855G01-T HITACHI-METALS-ESI-4AGR1.855G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AFR1.880G01-T HITACHI-METALS-ESI-4AFR1.880G01-T Datasheet
18Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com