Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5965BEAX+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5965BEAX+
Description  High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5965BEAX+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5965BEAX+ Datasheet HTML 1Page - Maxim Integrated Products MAX5965BEAX+ Datasheet HTML 2Page - Maxim Integrated Products MAX5965BEAX+ Datasheet HTML 3Page - Maxim Integrated Products MAX5965BEAX+ Datasheet HTML 4Page - Maxim Integrated Products MAX5965BEAX+ Datasheet HTML 5Page - Maxim Integrated Products MAX5965BEAX+ Datasheet HTML 6Page - Maxim Integrated Products MAX5965BEAX+ Datasheet HTML 7Page - Maxim Integrated Products MAX5965BEAX+ Datasheet HTML 8Page - Maxim Integrated Products MAX5965BEAX+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
High-Power, Quad, Monolithic, PSE Controllers
for Power over Ethernet
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VAGND = 32V to 60V, VEE = 0V, VDD to VDGND = +3.3V, all voltages are referenced to VEE, unless otherwise noted. Typical values are at
VAGND = +48V, VDGND = +48V, VDD = (VDGND + 3.3V), TA = +25°C. Currents are positive when entering the pin and negative other-
wise.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY MONITORS
VEE Undervoltage Lockout
VEEUVLO
AGND - VEE, AGND - VEE increasing
28.5
V
VEE Undervoltage Lockout
Hysteresis
VEEUVLOH
Ports shut down if AGND - VEE < VUVLO -
VEEUVLOH
3V
VEE Overvoltage Lockout
VEE_OV
VEE_OV event bit sets and ports shut down if
AGND - VEE > VEE_OV, AGND increasing
62.5
V
VEE Overvoltage Lockout
Hysteresis
VOVH
1V
VEE Undervoltage
VEE_UV
VEE_UV event bit is set if AGND - VEE < VEE_UV,
VEE increasing
40
V
VDD Overvoltage
VDD_OV
VDD_OV event bit is set if VDD - VDGND >
VDD_OV; VDD increasing
3.82
V
VDD Undervoltage
VDD_UV
VDD_UV is set if VDD - VDGND > VDD_UV, VDD
decreasing
2.7
V
VDD Undervoltage Lockout
VDDUVLO
Device operates when VDD - DGND >
VDDUVLO, VDD increasing
2V
VDD Undervoltage Lockout
Hysteresis
VDDHYS
120
mV
Thermal Shutdown Threshold
TSHD
Ports shut down and device resets if its
junction temperature exceeds this limit,
temperature increasing (Note 5)
+150
°C
Thermal Shutdown Hysteresis
TSHDH
Thermal hysteresis, temperature decreasing
(Note 5)
20
°C
OUTPUT MONITOR
OUT_ Input Current
IBOUT
VOUT_ = AGND, all modes
2
µA
Idle Pullup Current at OUT_
IDIS
OUT_ discharge current, detection and
classification off, port shutdown, VOUT_ =
AGND - 2.8V
200
265
µA
PGOOD High Threshold
PGTH
VOUT_ - VEE, OUT_ decreasing
1.5
2.0
2.5
V
PGOOD Hysteresis
PGHYS
220
mV
PGOOD Low-to-High Glitch
Filter
tPGOOD
Minimum time PGOOD has to be high to set
bit in register 10h
3ms


Similar Part No. - MAX5965BEAX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5965BEAX++ MAXIM-MAX5965BEAX+ Datasheet
1Mb / 52P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 0; 7/09
MAX5965BEAX++ MAXIM-MAX5965BEAX+ Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 3; 3/12
More results

Similar Description - MAX5965BEAX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5965A MAXIM-MAX5965A_12 Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 3; 3/12
MAX5965A MAXIM-MAX5965A Datasheet
1Mb / 52P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 0; 7/09
MAX5965A MAXIM-MAX5965A_11 Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 2; 5/11
MAX5952 MAXIM-MAX5952_10 Datasheet
1,012Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 1; 1/10
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
[Old version datasheet]   Quad Port Power-over-Ethernet PSE Controller
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
[Old version datasheet]   Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
logo
Littelfuse
SP1050 LITTELFUSE-SP1050 Datasheet
684Kb / 5P
   SP1050 Series for Power-over-Ethernet PSE Protection
logo
Texas Instruments
TPS23880 TI1-TPS23880 Datasheet
201Kb / 9P
[Old version datasheet]   High-Power, 8-Channel, Power-over-Ethernet PSE With Programmable SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com