Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14841E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14841E
Description  40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14841E Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14841E Datasheet HTML 1Page - Maxim Integrated Products MAX14841E Datasheet HTML 2Page - Maxim Integrated Products MAX14841E Datasheet HTML 3Page - Maxim Integrated Products MAX14841E Datasheet HTML 4Page - Maxim Integrated Products MAX14841E Datasheet HTML 5Page - Maxim Integrated Products MAX14841E Datasheet HTML 6Page - Maxim Integrated Products MAX14841E Datasheet HTML 7Page - Maxim Integrated Products MAX14841E Datasheet HTML 8Page - Maxim Integrated Products MAX14841E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
_______________________________________________________________________________________ 5
40Mbps, +3.3V, RS-485 Half-Duplex
Transceivers
Test and Timing Diagrams
Figure 1. Driver DC Test Load
Figure 2. Driver Timing Test Circuit
Figure 3. Driver Propagation Delays
Figure 4. Driver Enable and Disable Times (tDZH, tDHZ)
VOD
A
B
VOC
RL
2
RL
2
RL
CL
VOD
VCC
DI
DE
A
B
1.5V
1.5V
tDPHL
tDPLH
VOD
0
B
A
10%
90%
10%
90%
0
-VO
VOD
tDSKEW = tDPLH - tDPHL
VOD = [VA - VB]
VCC
VO
f = 1MHz, tLH = 3ns, tHL = 3ns
tLH
tHL
0
0
0.25V
1.5V
tDZH, tDZH(SHDN)
tDHZ
DE
VCC
VOH
1.5V
OUT
RL = 110I
50I
OUT
S1
A
B
D
DI
GND OR VCC
GENERATOR
DE
CL
50pF


Similar Part No. - MAX14841E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1484 MAXIM-MAX1484 Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
MAX14840PMB1 MAXIM-MAX14840PMB1 Datasheet
1Mb / 7P
   MAX14840PMB1 Peripheral Module
Rev 0; 5/12
MAX14842 MAXIM-MAX14842 Datasheet
1Mb / 13P
   6-Channel, Digital Ground-Level Translator
Rev 1; 3/11
MAX14842ATE++ MAXIM-MAX14842ATE+ Datasheet
1Mb / 13P
   6-Channel, Digital Ground-Level Translator
Rev 1; 3/11
More results

Similar Description - MAX14841E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
818Kb / 19P
   Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
logo
Analog Devices
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com