Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCTB49-3 Datasheet(PDF) 1 Page - Dubilier

Part # DBCTB49-3
Description  TERMINAL BLOCKS 7.5mm PITCH PLUG IN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTB49-3 Datasheet(HTML) 1 Page - Dubilier

  DBCTB49-3 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
385
2-12 pole solid block
Closed and open headers
Horizontal female plug style
Professional rising clamp
Moulded in green UL94-V0
flame retardant PA66
2.5mm2 cable entry
UL, CE approved
TERMINAL BLOCKS
7.5mm PITCH PLUG IN
SPECIFICATION
OUTLINE DRAWING
RO
DUC
NEW
L
5.08
5.08
2.54
2.54
3.9
12
3.9
12
3.14 5.08
5.08 2.54
L= Length
1
3.75
4.35
P
P
P = Pitch
1
10
12
L
1
3.75
4.35
P
P
P = Pitch
1
L
DBCTB50
L
5.08
5.08
2.54
2.54
3.9
12
3.9
12
3.14 5.08
5.08 2.54
L= Length
1
3.75
4.35
P
P
P = Pitch
1
10
12
L
1
3.75
4.35
P
P
P = Pitch
1
L
DBCTB51
2.75
2.7
2.75
6.5
6.5
8.3
8.3
9.4
0.7
P = Pitch
1.6
1.6
P
L
P
DBCTB49
ORDERING INFORMATION
DBC
TB
49
/2
Dubilier
Connectors
Series
Terminal Blocks
Style
49 = Female
50 = Closed End Str
51 = Closed End R/A
52A = Open End Str
53A = Open End R/A
No of Ways
2 = 2ways
3 = 3ways
etc.
Electrical Characteristics
Rating Current:
12A/750V
Dielectric Voltage:
≥ 3kVac/60sec
Insulation resistance:
≥ 5MΩ
Operating Temperature: -20°C to +125°C
Short Period:
160°C
Moulding:
UL94-V0 flame retardant PA66
Pin/terminal:
5µ tinned phosphor bronze
Rising clamp:
5µ nickel copper flash brass
Screw/torque:
M3 steel, 6µ zinc, colour passivated and
tropicalised/0.5Nm
Recommended
PCB hole size:
ø1.4mm
L
2.75
7.5
7.5
2.75
12
3.9
1
3.75 7.5
7.5 3.75
L
12
10
1
1
3.75 P
P
3.75
P = Pitch
DBCTB52A
DBCTB53A
* Other Number of ways are available up to 12
Please consult office for further details


Similar Part No. - DBCTB49-3

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB492 DUBILIER-DBCTB492 Datasheet
431Kb / 3P
   TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT
DBCTB493 DUBILIER-DBCTB493 Datasheet
431Kb / 3P
   TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT
More results

Similar Description - DBCTB49-3

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB872 DUBILIER-DBCTB872 Datasheet
431Kb / 3P
   TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT
DBCTB24-2 DUBILIER-DBCTB24-2 Datasheet
125Kb / 1P
   TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT
logo
CamdenBoss Ltd.
CTBP9400 CAMDENBOSS-CTBP9400 Datasheet
761Kb / 2P
   7.5mm pitch pluggable rising clamp terminal blocks
CTBP9500 CAMDENBOSS-CTBP9500 Datasheet
761Kb / 2P
   7.5mm pitch pluggable rising clamp terminal blocks
logo
Dubilier
DBCTB28-2 DUBILIER-DBCTB28-2 Datasheet
420Kb / 1P
   TERMINAL BLOCKS 5mm PITCH PLUG IN
DBCTB21-2 DUBILIER-DBCTB21-2 Datasheet
480Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH PLUG IN
DBCTB65-2 DUBILIER-DBCTB65-2 Datasheet
100Kb / 1P
   TERMINAL BLOCKS 3.5mm PITCH PLUG IN
logo
CamdenBoss Ltd.
CTBP9550 CAMDENBOSS-CTBP9550 Datasheet
761Kb / 2P
   7.5mm pitch pluggable rising clamp terminal blocks
logo
Dubilier
DBCTB60-2 DUBILIER-DBCTB60-2 Datasheet
98Kb / 1P
   TERMINAL BLOCKS 3.81mm PITCH PLUG IN
logo
CamdenBoss Ltd.
CTBP0110 CAMDENBOSS-CTBP0110 Datasheet
396Kb / 1P
   7.5mm pitch standard profile rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com