Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCTB75-2 Datasheet(PDF) 1 Page - Dubilier

Part # DBCTB75-2
Description  TERMINAL BLOCKS 5, 5.08, 7.5, 7.62, 10 AND 10.16mm SCREWLESS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTB75-2 Datasheet(HTML) 1 Page - Dubilier

  DBCTB75-2 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
390
TERMINAL BLOCKS
5, 5.08, 7.5, 7.62, 10 AND 10.16mm SCREWLESS
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
5/5.08
Rating:
12/250V
Dielectric Strength:
≥2.5KV/60sec
Insulation Resistance:
≥5MΩ
Working temperature:
-20°C to 125°C
Short Period:
160°
Moulding:
UL94V-0 flame retardant PA66
Pin/terminal:
5µ tinned, phosphor bronze
Spring:
Zinc plated steel
Recommended PCB
hole size:
ø1.1mm
5, 5.08, 7.5, 7.62, 10 and
10.16mm pitch
1-36 poles on 5 & 5.08mm
pitch
1-24 poles on 7.5 & 7.62mm
pitch
1-18 poles on 10 & 10.16mm
pitch
Breakable to desired number of
poles
0.3-1.5mm2 wire acceptance
UL/ VDE/ CE approved
Flame retardant material
DBC
TB
54
/2
Dubilier
Connectors
Series
Terminal Block
Style
54 -5mm
75-5.08mm
91-7.5mm
92-7.62mm
93-10mm
94-10.16mm
Nº of Ways
2 = 2 ways
3 = 3 ways
* Other Number of ways are available up to 12
Please consult office for further details
3.5
5
0.8
12.5
3.5
5
0.8
12.5
1.5
L
3.5
7.5
0.4
3
3.5
5
0.8
12.5
1.5
L
3.5
7.62
0.4
3.08
3.5
5
0.8
12.5
1.5
L
3.5
10
0.4
3
3.5
5
0.8
12.5
1.5
L
3.5
10.16
0.4
3.08
3.5
5
0.8
12.5
How to calculate lengths
5mm pitch
No.Poles Multiply by 5mm + 1.5mm
5.08 pitch
No.Poles Multiply by 5.08mm + 1.5mm
7.5mm pitch
No.Poles Multiply by 7.5mm - 1mm
7.62mm pitch
No.Poles Multiply by 7.62mm - 1.04mm
10mm pitch
No.Poles Multiply by 10mm - 3.5mm
10.16mm pitch
No.Poles Multiply by 10mm - 3.58mm
RO
DUC
NEW
7.5/7.62/10/10.16
12A/750V
≥3KV/60sec
1.5
L
L = Length
3.5
5
0.4
3
1.5
L
3.5
5.08
0.4
3.08
L = Length
DBCTB54
DBCTB75
DBCTB93
DBCTB91
DBCTB92
DBCTB94


Similar Part No. - DBCTB75-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB752 DUBILIER-DBCTB752 Datasheet
294Kb / 2P
   TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
DBCTB753 DUBILIER-DBCTB753 Datasheet
294Kb / 2P
   TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
More results

Similar Description - DBCTB75-2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2795 EATON-EM2795 Datasheet
927Kb / 1P
   EuroMag Terminal Blocks Screwless; 5.08 Centers
logo
CamdenBoss Ltd.
CSTBP508V CAMDENBOSS-CSTBP508V Datasheet
508Kb / 1P
   5 .08mm screwless terminal blocks
CSTBP508H CAMDENBOSS-CSTBP508H Datasheet
508Kb / 1P
   5 .08mm screwless terminal blocks
CSTBP9208 CAMDENBOSS-CSTBP9208 Datasheet
462Kb / 1P
   5 .08mm pitch pluggable screwless terminal blocks
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
   3.81mm screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
   5mm screwless terminal blocks
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
   2.54mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
   7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
   7.62mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
   2.54mm screwless terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com