Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCTB60-2 Datasheet(PDF) 1 Page - Dubilier

Part # DBCTB60-2
Description  TERMINAL BLOCKS 3.81mm PITCH PLUG IN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTB60-2 Datasheet(HTML) 1 Page - Dubilier

  DBCTB60-2 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
370
TERMINAL BLOCKS
3.81mm PITCH PLUG IN
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Rating:
9A/130V
Dielectric Strength:
≥1.25KV/60sec
Insulation Resistance:
≥5MΩ
Working temperature:
-20°C to 125°C
Short Period:
160°
Moulding:
UL94V-0 flame retardant PA66
Pin/terminal:
5µ tinned, phosphor bronze
Rising clamp:
5µ Nickel copper flash brass
Screw/torque:
M2 steel, 6µ zinc, colour passivated and
tropicalised/0.4Nm
Recommended PCB
hole size:
ø1.0mm
3.81mm Pitch
Flame Retardant Material
1mm2 wire acceptance
UL/ CE approved
Closed end headers
Professional rising clamp
DBC
TB
60
/2
Dubilier
Connectors
Series
Terminal Block
Style
60=Style 60
68=Style 68
61=Style 61
Nº of Ways
2 = 2 ways
3 = 3 ways
* Other Number of ways are available up to 12
Please consult office for further details
1.7
3.5
2.3
3.5
2.3
6.6
6.6
7.5
1.4
3.4
9.2
RO
DUC
NEW
2.6
0.8
3.5
3.5
2.6
DBCTB60
DBCTB68
9.2
0.8
8
DBCTB61
2.6
0.8
3.5
3.5
2.6


Similar Part No. - DBCTB60-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB6-2 DUBILIER-DBCTB6-2 Datasheet
129Kb / 1P
   TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
DBCTB6-2 DUBILIER-DBCTB6-2 Datasheet
129Kb / 1P
   TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
DBCTB6-3 DUBILIER-DBCTB6-3 Datasheet
129Kb / 1P
   TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
DBCTB6-3 DUBILIER-DBCTB6-3 Datasheet
129Kb / 1P
   TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
DBCTB63-2 DUBILIER-DBCTB63-2 Datasheet
129Kb / 1P
   TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
More results

Similar Description - DBCTB60-2

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
   3.81mm screwless terminal blocks
logo
Dubilier
DBCTB41-2 DUBILIER-DBCTB41-2 Datasheet
98Kb / 1P
   TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
DBCTB702 DUBILIER-DBCTB702 Datasheet
294Kb / 2P
   TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
DBCTB28-2 DUBILIER-DBCTB28-2 Datasheet
420Kb / 1P
   TERMINAL BLOCKS 5mm PITCH PLUG IN
DBCTB21-2 DUBILIER-DBCTB21-2 Datasheet
480Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH PLUG IN
DBCTB65-2 DUBILIER-DBCTB65-2 Datasheet
100Kb / 1P
   TERMINAL BLOCKS 3.5mm PITCH PLUG IN
DBCTB49-2 DUBILIER-DBCTB49-2 Datasheet
130Kb / 1P
   TERMINAL BLOCKS 7.5mm PITCH PLUG IN
logo
CamdenBoss Ltd.
CTBP93HE CAMDENBOSS-CTBP93HE Datasheet
791Kb / 2P
   3.81mm pitch pluggable rising clamp terminal blocks
logo
Dubilier
DBCTB40-2 DUBILIER-DBCTB40-2 Datasheet
120Kb / 1P
   TERMINAL BLOCKS 3.81MM PITCH ULTRA LOW PROFILE
logo
CamdenBoss Ltd.
CTBP92HE CAMDENBOSS-CTBP92HE Datasheet
791Kb / 2P
   3.81mm pitch pluggable rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com