Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCLT3-8BT8-TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # SCLT3-8BT8-TR
Description  Protected digital input termination with serialized state transfer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCLT3-8BT8-TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SCLT3-8BT8-TR Datasheet HTML 4Page - STMicroelectronics SCLT3-8BT8-TR Datasheet HTML 5Page - STMicroelectronics SCLT3-8BT8-TR Datasheet HTML 6Page - STMicroelectronics SCLT3-8BT8-TR Datasheet HTML 7Page - STMicroelectronics SCLT3-8BT8-TR Datasheet HTML 8Page - STMicroelectronics SCLT3-8BT8-TR Datasheet HTML 9Page - STMicroelectronics SCLT3-8BT8-TR Datasheet HTML 10Page - STMicroelectronics SCLT3-8BT8-TR Datasheet HTML 11Page - STMicroelectronics SCLT3-8BT8-TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Functional description
SCLT3-8BT8
8/33
Doc ID 15191 Rev 3
Figure 5.
Low side front-end input topology including the ESD surge protection
and the LED driver
2.3
The input digital filter
A digital filter is implemented between the input state comparator and the input state
register. It consists of a 2-step sampling circuit that is controlled by an oscillator as shown on
Figure 6.
The filtering time tFT is set by the external oscillator resistor and is a function of the oscillator
period tCKF:
2 x tCKF < tFT < 3 x tCKF
tCKF = Divider ratio x tOSC (ROSC)
This period can be adjusted between 20 µs and 3000 µs and is compatible with the
IEC 61131-2 standard as shown on Table 2.
Being placed in the front end of the module, this filter increases the transient immunity of the
SCLT and its SPI logic circuitry. It also simplifies the input management software task of the
ASIC controller.
V
R
IN
LD
COM
P
V
R
IN
LD
COM
P
Filter
Table 2.
Typical setting of the digital filter timings
Input speed
Fast
Medium
Slow
Input frequency
60 kHz
20 kHz
5 kHz
300 Hz
Min. filter time tFT
20 µs
50 µs
230 µs
3.0 ms
OSC resistance
51 k
Ω
150 k
Ω
82 k
Ω
1.3 M
Ω
CKF period tCKF
10 µs
25 µs
115 µs
1500 µs
DVR connection
COMS
COMS
VDD
VDD
Divider ratio
8
8
64
64


Similar Part No. - SCLT3-8BT8-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCLT3-8BQ7 STMICROELECTRONICS-SCLT3-8BQ7 Datasheet
549Kb / 18P
   High speed digital input current limiter with digital filter
SCLT3-8BQ7-TR STMICROELECTRONICS-SCLT3-8BQ7-TR Datasheet
549Kb / 18P
   High speed digital input current limiter with digital filter
More results

Similar Description - SCLT3-8BT8-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
   High speed protected digital termination array
April 2013 Rev1
STEVAL-IFP004V1 STMICROELECTRONICS-STEVAL-IFP004V1 Datasheet
121Kb / 4P
   Digital input termination PCLT2
CLT3-4B STMICROELECTRONICS-CLT3-4B_07 Datasheet
191Kb / 13P
   Current limited over-voltage protected quad digital termination
CLT3-4BT6 STMICROELECTRONICS-CLT3-4BT6 Datasheet
99Kb / 10P
   CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
PCLT-2A STMICROELECTRONICS-PCLT-2A Datasheet
569Kb / 18P
   Dual current limited over-voltage protected digital termination
CLT3-4B STMICROELECTRONICS-CLT3-4B Datasheet
191Kb / 13P
   Current limited over-voltage protected quad digital termination
STEVAL-IFP023V1 STMICROELECTRONICS-STEVAL-IFP023V1 Datasheet
269Kb / 4P
   16-bit digital input card based on the CLT01-38S4 high-speed protected digital termination array
December 2014 Rev 1
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
Sony Corporation
CXA1389AQ SONY-CXA1389AQ Datasheet
339Kb / 8P
   Cable Driver for Digital Transfer
logo
STMicroelectronics
STV1389AQ STMICROELECTRONICS-STV1389AQ Datasheet
103Kb / 7P
   CABLE DRIVER FOR DIGITAL TRANSFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com