Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD12S015YFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S015YFFR
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD12S015YFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD12S015YFFR Datasheet HTML 3Page - Texas Instruments TPD12S015YFFR Datasheet HTML 4Page - Texas Instruments TPD12S015YFFR Datasheet HTML 5Page - Texas Instruments TPD12S015YFFR Datasheet HTML 6Page - Texas Instruments TPD12S015YFFR Datasheet HTML 7Page - Texas Instruments TPD12S015YFFR Datasheet HTML 8Page - Texas Instruments TPD12S015YFFR Datasheet HTML 9Page - Texas Instruments TPD12S015YFFR Datasheet HTML 10Page - Texas Instruments TPD12S015YFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TPD12S015
www.ti.com
SLLSE19A – DECEMBER 2009 – REVISED JANUARY 2010
DC-DC Converter (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD (idle)
Power supply current from VBAT IO = 0 mA
30
50
µA
to DC/DC, enabled, unloaded
IDD (disabled)
Power supply current from
VBAT = 2.3 V to 5.5 V, IO = 0 mA, CT_CP_HPD
2
µA
VBAT, DC/DC Disabled,
Low
Unloaded
IDD(system off) Power supply current from
VCCA = 0 V
5
µA
VBAT, VCCA =0V
I_inrush
Inrush current, average over
VBAT = 2.3 V to 5.5 V, IO = 65 mA
100
mA
(startup)
T_startup time
TSD
Thermal shutdown
Increasing junction temperature
140
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
ISC
Short circuit current limit from
5
Ω short to GND
500
mA
output
Passive Components
PARAMETER
TYP
UNIT
LIN
External inductor, 0805 footprint
1
µH
CIN
Input capacitor, 0603 footprint
4.7
µF
COUT
Output capacitor, 0603 footprint
4.7
µF
CVCCA
Input capacitor, 0402 footprint
0.1
µF
Voltage Level Shifter: SCL, SDA Lines (x_A/x_B Ports)
TA = –40°C to 85°C unless otherwise specified
PARAMETER
TEST CONDITIONS
VCCA
MIN
TYP
MAX
UNIT
VOHA
IOH = –20 mA, VI = VIH
1.1 V to 3.6 V
VCCA × 0.8
V
VOLA
IOL = 20 mA,
VI = VIL
1.1 V to 3.6 V
VCCA × 0.17
V
VOHB
IOH = –20 mA, VI = VIH
5VOUT × 0.9
V
VOLB
IOL = 3 mA,
VI = VIL
0.4
V
ΔVT
SDx_A (VT+ – VT–)
1.1 V to 3.6 V
40
hysteresi
mV
SDx_B (VT+ – VT–)
1.1 V to 3.6 V
400
s
RPU
(Internal pullup)
SCL_A,
Internal pullup connected to
10
SDA_A,
VCCA rail
k
Ω
SCL_B,
Internal pullup connected to
1.75
SDA_B,
5 V rail
IPULLUPAC Transient boosted
SCL_B,
Internal pullup connected to
15
pullup current (rise
SDA_B,
5 V rail
mA
time accelerator)
IOFF
A port
VCCA = 0 V, VI or VO = 0 to 3.6 V
0 V
±5
mA
B port
5VOUT = 0 V, VI or VO = 0 to 5.5 V
0 V to 3.6 V
±5
IOZ
B port
VO = VCCO or GND
1.1 V to 3.6 V
±5
mA
A port
VI = VCCI or GND
1.1 V to 3.6 V
±5
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPD12S015


Similar Part No. - TPD12S015YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015 TI1-TPD12S015 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015AYFFR TI1-TPD12S015AYFFR Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
More results

Similar Description - TPD12S015YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com