Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD12S015YFFRB Datasheet(PDF) 1 Page - Texas Instruments

Part # TPD12S015YFFRB
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD12S015YFFRB Datasheet(HTML) 1 Page - Texas Instruments

  TPD12S015YFFRB Datasheet HTML 1Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 2Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 3Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 4Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 5Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 6Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 7Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 8Page - Texas Instruments TPD12S015YFFRB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
2
3
4
G
F
E
D
C
B
A
TPD12S015
www.ti.com
SLLSE19A – DECEMBER 2009 – REVISED JANUARY 2010
HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
ESD CLAMPS FOR PORTABLE APPLICATIONS
Check for Samples: TPD12S015
1
FEATURES
HDMI 1.3 Data Rate
Compliance
HDMI High-Speed Differential Signals -3 dB
Very Low Leakage into High-Speed Signal
Bandwidth Exceeds 6.4 Gbps
Lines During Powerdown
Excellent Matching Capacitance (0.05 pF) in
Industrial Temperature Range: –40°C to 85°C
Each Differential Signal Pair
APPLICATIONS
Internal Boost Converter to Generate 5 V from
Smart Phones
a 2.3- to 5.5-V Battery Voltage
Multimedia Phones
Directionless Level Shifting in the CEC, SDA,
Digital Camcorders
SCL, and HPD Paths
Digital Still Cameras
Seamless Type C Connector Routing with
Portable Game Consoles
Flow-Through Pin Mapping
IEC 61000-4-2 (Level 4) System Level ESD
YFF PACKAGE
YFF PACKAGE PIN MAPPING
(TOP VIEW)
1
2
3
4
A
LS_OE
VCCA
D2+
D2–
B
SCL_A
CEC_A
GND
D1+
C
SDA_A
HPD_A
GND
D1–
D
CT_CP_HPD
GND
CEC_B
D0+
E
FB
GND
SCL_B
D0–
F
5VOUT
SW
SDA_B
CLK+
G
PGND
VBAT
HPD_B
CLK–
For package dimensions, see the
Mechanical Drawing at the end of this
document.
DESCRIPTION/ORDERING INFORMATION
The TPD12S015 is an integrated HDMI ESD solution. The device pin mapping matches the HDMI Type C
connector with four differential pairs. This device offers eight low-capacitance ESD clamps, allowing HDMI 1.3
data rates. The integrated ESD clamps and resistors provide good matching between each differential signal
pair, which allows an advantage over discrete ESD clamp solutions where variations between ESD clamps
degrade the differential signal quality.
The TPD12S015 provides a regulated 5 V output (5VOUT) for sourcing the HDMI power line. The regulated 5 V
output supplies up to 55 mA to the HDMI receiver. The control of 5VOUT and the hot plug detect (HPD) circuitry
is independent of the LS_OE control signal and is controlled by the CT_CP_HPD pin. This independent control
enables the detection scheme (5VOUT + HPD) to be active before enabling the HDMI link.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD12S015YFFRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015 TI1-TPD12S015 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015AYFFR TI1-TPD12S015AYFFR Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
More results

Similar Description - TPD12S015YFFRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com