Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2505 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2505
Description  INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2505 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2505 Datasheet HTML 3Page - Texas Instruments TPS2505 Datasheet HTML 4Page - Texas Instruments TPS2505 Datasheet HTML 5Page - Texas Instruments TPS2505 Datasheet HTML 6Page - Texas Instruments TPS2505 Datasheet HTML 7Page - Texas Instruments TPS2505 Datasheet HTML 8Page - Texas Instruments TPS2505 Datasheet HTML 9Page - Texas Instruments TPS2505 Datasheet HTML 10Page - Texas Instruments TPS2505 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TPS2505
www.ti.com
SPAS093A – DECEMBER 2009 – REVISED FEBRUARY 2010
PGND
PGND is the internal ground connection for the source of the low-side N-channel MOSFET in the boost
converter. Connect PGND to an external plane near the ground connection of the input and output capacitors to
minimize parasitic effects due to high switching currents of the boost converter. Connect PGND to GND and the
thermal pad externally at a single location to provide a star-point ground. See LAYOUT RECOMMENDATIONS
for further details.
IN
IN is the input voltage supply for the boost converter. Connect a 10-µF ceramic capacitor (minimum) from IN to
PGND. See COMPONENT RECOMMENDATIONS for further details on selecting the input capacitor.
EN
EN is a logic-level input that enables the boost converter. Pull EN above 1 V to enable the device and below
0.7 V to disable the device. EN also disables the USB switches and LDO.
GND
Signal and logic circuits of the TPS2505 are referenced to GND. Connect GND to a quiet ground plane near the
device. An optional 0.1-µF capacitor can be connected from VIN to GND close the device to provide local
decoupling. Connect GND and PGND to the thermal pad externally at a single location to provide a star-point
ground. See LAYOUT RECOMMENDATIONS for further details.
ILIM1/2
Connect a resistor from ILIM1/2 to GND to program the current-limit threshold of the USB switches. Place this
resistor as close to the device as possible to prevent noise from coupling into the internal circuitry. Do not drive
ILIM1/2 with an external source. The current-limit threshold is proportional to the current through the RILIM
resistor. See Programming the Current-Limit Threshold Resistor RILIM for details on selecting the current-limit
resistor.
RESET
The RESET output indicates when the LDO output reaches 3.1 V. It has a 175-ms delay for deglitch in the low to
high transition. The output has in internal 10-k
Ω pull-up resistor to the LDO output.
LDOOUT
LDOOUT is the LDO output. Internal feedback regulates LDOOUT to 3.3 V. Connect a 1-µF ceramic capacitor
from LDOOUT to PGND for compensation. See COMPONENT RECOMMENDATIONS for further details.
LDOIN
LDOIN is the input voltage supply for the LDO. Connect a 4.7-µF ceramic capacitor from LDOIN to PGND when
not powered by AUX. See COMPONENT RECOMMENDATIONS for further details on selecting the input
capacitor.
ENLDO
ENLDO is a logic-level input that enables the 3.3-V LDO. Pull EN above 1 V to enable the device and below
0.7 V to disable the device. The boost converter must be enabled in order for the LDO to be enabled. The boost
converter is independent of ENLDO and continues to operate even when ENLDO disables the LDO.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2505


Similar Part No. - TPS2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2505B1RGWR TI1-TPS2505B1RGWR Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
TPS2505BRGWR TI1-TPS2505BRGWR Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
TPS2505 TI1-TPS2505_15 Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
More results

Similar Description - TPS2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2505 TI1-TPS2505_15 Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT3570 LINER-LT3570 Datasheet
282Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
logo
Richtek Technology Corp...
RT9287A RICHTEK-RT9287A Datasheet
309Kb / 14P
   Boost Converter for WLED Power with Dual LDO
logo
Silicon Mitus, Inc.
SM1202 SILICONMITUS-SM1202 Datasheet
329Kb / 1P
   PWM Controller for Dual Boost Converter with LDO
Februay 2018 - Rev. 0.0.0
logo
Richtek Technology Corp...
RT9287 RICHTEK-RT9287 Datasheet
372Kb / 13P
   Boost Converter for OLED Power with Dual LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com