Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9224 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9224
Description  Digital PWM System Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9224 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCD9224 Datasheet HTML 7Page - Texas Instruments UCD9224 Datasheet HTML 8Page - Texas Instruments UCD9224 Datasheet HTML 9Page - Texas Instruments UCD9224 Datasheet HTML 10Page - Texas Instruments UCD9224 Datasheet HTML 11Page - Texas Instruments UCD9224 Datasheet HTML 12Page - Texas Instruments UCD9224 Datasheet HTML 13Page - Texas Instruments UCD9224 Datasheet HTML 14Page - Texas Instruments UCD9224 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
UCD9224
www.ti.com
SLVSA35 – JANUARY 2010
PIN DESCRIPTIONS
PIN NO.
PIN NAME
DESCRIPTION
1
CS-3A
Power stage 3A current sense input and input to analog comparator 4
2
CS-1B
Power stage 1B current sense input
3
CS-2A
Power stage 2A current sense input and input to analog comparator 2
4
Vin/Iin
Input supply sense, alternates between Vin and Iin
5
nRESET
Active low device reset input, pullup to 3.3V with 10k
Ω resistor
6
FLT-1A
External fault input 1A, active high
7
FLT-1B
External fault input 1B, active high
8
FLT-2A
External fault input 2A, active high
9
SRE-1A
Synchronous rectifier enable output 1A, active high
10
PMBus_Clock
PMBus Clock, pullup to 3.3V with 2k
Ω resistor
11
PMBus_Data
PMBus Data, pullup to 3.3V with 2k
Ω resistor
12
DPWM-1A
Digital Pulse Width Modulator output 1A
13
DPWM-1B
Digital Pulse Width Modulator output 1B
14
DPWM-2A
Digital Pulse Width Modulator output 2A
15
SRE-2A
Synchronous rectifier enable output 2A, active high
16
DPWM-3A
Digital Pulse Width Modulator output 3A
17
SRE-3A
Synchronous rectifier enable output 3A, active high
18
SRE-1B
Synchronous rectifier enable output 1B, active high
19
PMBus_Alert
PMBus Alert, pullup to 3.3V with 2k
Ω resistor
20
PMBus_Cntl
PMBus Control, pullup to 3.3V with 2k
Ω resistor
21
SEQ-1
Sequencing Input/Output
22
SEQ-2
Sequencing Input/Output
23
TMUX-0
Temperature multiplexer select output S0, Vin/Iin select
24
TMUX-1
Temperature multiplexer select output S1
25
FLT-3A
External fault input 3A, active high
26
PGood
Power Good indication, Active high open-drain output. Pull-up to 3.3V with 10k
Ω resistor.
27
TCK
JTAG Test clock
28
TDO / Sync_Out
JTAG Test data out (muxed with Sync_Out for synchronizing switching frequency across devices)
29
TDI / Sync_In
JTAG Test data in (muxed with Sync_In for synchronizing switching frequency across devices) tie to
V33D with 10kOhm resistor
30
TMS
JTAG Test mode select – tie to V33D with 10k
Ω resistor
31
nTRST
JTAG Test reset – tie to ground with 10k
Ω resistor
32
DGND1
Digital ground
33
V33D
Digital core 3.3V supply
34
V33A
Analog 3.3V supply
35
BPCap
1.8V bypass capacitor connection
36
AGND1
Analog ground
37
EAP1
Error analog, differential voltage. Positive channel #1 input
38
EAN1
Error analog, differential voltage. Negative channel #1 input
39
EAP2
Error analog, differential voltage. Positive channel #2 input
40
EAN2
Error analog, differential voltage. Negative channel #2 input
41
V33FB
Connection to the base of the 3.3V linear regulator transistor. (no connect if not using an external
transistor)
42
CS-1A
Power stage 1A current sense input and input to analog comparator 1
43
ADDR-1
Address sense input. Channel 1
44
ADDR-0
Address sense input. Channel 0
45
Vtrack
Voltage track input
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - UCD9224

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9224 TI-UCD9224 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9224RGZR TI-UCD9224RGZR Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9224RGZT TI-UCD9224RGZT Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
More results

Similar Description - UCD9224

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com