Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS657052YZHT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS657052YZHT
Description  PMU for Embedded Camera Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS657052YZHT Datasheet(HTML) 2 Page - Texas Instruments

  TPS657052YZHT Datasheet HTML 1Page - Texas Instruments TPS657052YZHT Datasheet HTML 2Page - Texas Instruments TPS657052YZHT Datasheet HTML 3Page - Texas Instruments TPS657052YZHT Datasheet HTML 4Page - Texas Instruments TPS657052YZHT Datasheet HTML 5Page - Texas Instruments TPS657052YZHT Datasheet HTML 6Page - Texas Instruments TPS657052YZHT Datasheet HTML 7Page - Texas Instruments TPS657052YZHT Datasheet HTML 8Page - Texas Instruments TPS657052YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS657052
TPS657051
SLVSA08 – FEBRUARY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
SIZE FOR WCSP
PACKAGE
PACKAGE
TA
PART NO.(1)
OPTIONS
I2C
PACKAGE
VERSION
CODE
MARKING
DCDC1 3.3V FIX, DCDC2 1.8 V
D = 2076 µm ± 25 µm
FIX
–40°C to 85°C
TPS657051
YZH
N/A
WCSP
TPS657051
E = 2076 µm ± 25 µm
DCDC CONVERTERS 400mA,
LDO VOUT 3.0V FIX, 200mA
DCDC1 3.3V FIX, DCDC2 1.8 V
D = 2076 µm ± 25 µm
FIX
–40°C to 85°C
TPS657052
YZH
N/A
WCSP
TPS657052
E = 2076 µm ± 25 µm
DCDC CONVERTERS 400mA,
LDO VOUT 2.8V FIX, 200mA
(1)
NO NOTE FOR PART NO IN SOURCE? FC
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE / UNIT
Input voltage range on all pins except A/PGND pins with respect to AGND
–0.3 to 7 V
Voltage range on pin VLDO1 with respect to AGND
–0.3 to 3.6 V
Current at L1, VLDO1, VINLDO1, PGND
600 mA
Current at AGND
20 mA
Current at all other pins
3 mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature, TA
–40°C to 85°C
Maximum junction temperature, TJ
125°C
Storage temperature, TST
–65°C to 150°C
DISSIPATION RATINGS
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
DEVICE
PACKAGE
RqJA
POWER RATI4NG
ABOVE TA = 25°C
POWER RATING
POWER RATING
TPS657051/52(1)
YZH
185
540mW
5.4mW
297mW
216mW
TPS657051/52(2)
YZH
75
1.3W
13.3mW
0.7W
0.5W
(1)
The JEDEC low-K (1s) board used to derive this data was a 3in × 3in, two-layer board with 2-ounce copper traces on top of the board.
(2)
The JEDEC high-K (2s2p) board used to derive this data was a 3in × 3in, multilayer board with 1-ounce internal power and ground.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS657052 TPS657051


Similar Part No. - TPS657052YZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS657052YZHT TI-TPS657052YZHT Datasheet
2Mb / 24P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657052YZHT TI1-TPS657052YZHT Datasheet
3Mb / 26P
[Old version datasheet]   PMU for Embedded Camera Module
More results

Similar Description - TPS657052YZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65708 TI1-TPS65708 Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051 TI1-TPS657051_15 Datasheet
3Mb / 26P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657052 TI-TPS657052_1 Datasheet
2Mb / 24P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657095 TI1-TPS657095 Datasheet
820Kb / 41P
[Old version datasheet]   PMU for Embedded Camera Module
TPS65708 TI1-TPS65708_15 Datasheet
2Mb / 26P
[Old version datasheet]   PMU for Embedded Camera Module
logo
ALPS ELECTRIC CO.,LTD.
SCKA ALPS-SCKA Datasheet
112Kb / 3P
   Connector for CMOS Camera Module
logo
Sharp Corporation
YH-7C12 SHARP-YH-7C12 Datasheet
306Kb / 14P
   SPECIFICATION FOR CCD CAMERA MODULE
logo
Mitsumi Electronics, Co...
CMV-61CX MITSUMI-CMV-61CX Datasheet
46Kb / 2P
   Camera module
logo
Rohm
BD6039GU ROHM-BD6039GU Datasheet
619Kb / 25P
   Power Supply for CCD Camera Module
BD6029GU ROHM-BD6029GU_10 Datasheet
515Kb / 20P
   Power Supply for CCD Camera Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com