Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBF6025S12HS Datasheet(PDF) 1 Page - Dubilier

Part # DBF6025S12HS
Description  DC COOLING FAN 60x60x25mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBF6025S12HS Datasheet(HTML) 1 Page - Dubilier

  DBF6025S12HS Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
288
DC COOLING FAN
60x60x25mm
SPECIFICATION
EXTERNAL DIMENSIONS
PERFORMANCE CURVE
ORDERING INFORMATION
DBF
6025
B
12
H
Dubilier
Fans
Size
60x60x25mm
Bearing
B=Ball
S=Sleeve
G=Oil
Voltage
05=05vdc
12=12vdc
Airflow
U=Ultra High
H=High
M=Medium
L=Low
Options
Blank=Standard
A=Alarm Lead
S=Speed Sensor
T=Twin Speed
Other options available
Voltage: 5 & 12 VDC
Bearing options: Ball, Sleeve or Oil Bearing
Material on housing: Plastic Housing to UL94V-0
Airflow range: 13.2 - 28.3 CFM
Suitable for Small Space Cooling
Spot Cooling
Part No.
Bearing
Voltage(V)
Current(A)
Power (W)
Speed(RPM) Air flow(CFM ) Pressure(mmAq)
Noise(dB/A) Weight(g)
DBF6025x05M
Ball, Sleeve, Oil
5
0.32
1.60
3500
18.0
3.00
24.0
58
DBF6025x05L
Ball, Sleeve, Oil
5
0.22
1.10
2500
13.2
1.60
16.1
58
DBF6025x12U
Sleeve, Oil
12
0.25
3.00
5300
28.3
6.35
37.0
58
DBF6025B12U
Ball
12
0.22
2.64
5300
28.3
6.35
37.0
58
DBF6025x12H
Ball, Sleeve, Oil
12
0.23
2.76
4500
23.2
4.78
32.3
58
DBF6025x12M
Ball, Sleeve, Oil
12
0.14
1.68
3500
18.0
3.00
24.0
58
DBF6025x12L
Ball ,Sleeve, Oil
12
0.08
0.96
2500
13.2
1.60
16.1
58
Impeller: Plastic (UL;94V-0)
Lead Wire: UL1007 AWG24
Protection: Current Limit
Operating Temp:-10˚ to 70˚C


Similar Part No. - DBF6025S12HS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF60 SANYO-DBF60 Datasheet
48Kb / 2P
   6.0A Single-Phase Bridge Rectifier
DBF60 SANYO-DBF60 Datasheet
85Kb / 2P
   6.0A Single-Phase Bridge Rectifier
logo
Dubilier
DBF6015B05H DUBILIER-DBF6015B05H Datasheet
130Kb / 1P
   DC COOLING FAN 60x60x15mm
DBF6015B05HA DUBILIER-DBF6015B05HA Datasheet
130Kb / 1P
   DC COOLING FAN 60x60x15mm
DBF6015B05HS DUBILIER-DBF6015B05HS Datasheet
130Kb / 1P
   DC COOLING FAN 60x60x15mm
More results

Similar Description - DBF6025S12HS

ManufacturerPart #DatasheetDescription
logo
CoolCox Limited All rig...
CC6025 COOLCOX-CC6025 Datasheet
419Kb / 1P
   DC Axial Fan 60x60x25mm
logo
Qualtek Electronics Cor...
FAD1-06025 QUALTEK-FAD1-06025 Datasheet
1Mb / 1P
   60x60x25mm DC AXIAL FAN
logo
CoolCox Limited All rig...
BF6025 COOLCOX-BF6025 Datasheet
385Kb / 1P
   DC Blower Fan 60x60x25mm
logo
Dubilier
DBF12025B12H DUBILIER-DBF12025B12H Datasheet
142Kb / 1P
   DC COOLING FAN 120x120x25mm
DBF2510G05H DUBILIER-DBF2510G05H Datasheet
158Kb / 1P
   DC COOLING FAN 25x25x10mm
DBF6015B12H DUBILIER-DBF6015B12H Datasheet
130Kb / 1P
   DC COOLING FAN 60x60x15mm
DBF9225B12H DUBILIER-DBF9225B12H Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
DBF12038B12H DUBILIER-DBF12038B12H Datasheet
136Kb / 1P
   DC COOLING FAN 120x120x38mm
DBF4010G05H DUBILIER-DBF4010G05H Datasheet
127Kb / 1P
   DC COOLING FAN 40x40x10mm
DBF8025B12H DUBILIER-DBF8025B12H Datasheet
132Kb / 1P
   DC COOLING FAN 80x80x25mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com