Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBFFG80 Datasheet(PDF) 1 Page - Dubilier

Part # DBFFG80
Description  FAN ACCESSORIES METAL FINGER GUARD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBFFG80 Datasheet(HTML) 1 Page - Dubilier

  DBFFG80 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
297
Welded
Nickel - Chrome Plated Steel
EXTERNAL DIMENSIONS
FAN ACCESSORIES
METAL FINGER GUARD
ORDERING INFORMATION
DBF
FG
40
Dubilier
Fans
Finger Guard
Size
40=40mm
60=60mm
80=80mm
92=92mm
120=120mm
172=172mm
DBFFG60
DBFFG120
DBFFG40
DBFFG92
DBFFG80
DBFFG172


Similar Part No. - DBFFG80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DBF050166 VISHAY-DBF050166 Datasheet
255Kb / 3P
   Feed-Through Capacitors with R 16 High Q Ceramic
Revision: 21-Feb-02
DBF050166 VISHAY-DBF050166 Datasheet
140Kb / 3P
   Feed-Through Capacitors with Conductor Rod
Revision: 24-Jan-02
DBF050166HQ VISHAY-DBF050166HQ Datasheet
83Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DBF050180 VISHAY-DBF050180 Datasheet
140Kb / 3P
   Feed-Through Capacitors with Conductor Rod
Revision: 24-Jan-02
logo
FCI connector
DBF09P064HTXLF FCI-CONNECTOR-DBF09P064HTXLF Datasheet
115Kb / 1P
   D-SUB SOLDER BUCKET CONNECTOR
More results

Similar Description - DBFFG80

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
77-MG40 NTE-77-MG40 Datasheet
176Kb / 1P
   Fan Guard, Metal
77-MG120 NTE-77-MG120 Datasheet
276Kb / 1P
   Fan Guard, Metal
logo
List of Unclassifed Man...
MC33018 ETC2-MC33018 Datasheet
87Kb / 1P
   FINGER GUARD
logo
CoolCox Limited All rig...
CCFG8CM COOLCOX-CCFG8CM Datasheet
461Kb / 1P
   Fan Guard
logo
CUI Devices
FG80-715 CUID-FG80-715 Datasheet
295Kb / 2P
   FAN GUARD
08/05/2022
logo
CoolCox Limited All rig...
CCFG12CM COOLCOX-CCFG12CM Datasheet
374Kb / 1P
   Fan Guard
CCFG18CM COOLCOX-CCFG18CM Datasheet
398Kb / 1P
   Fan Guard
CCFG9CM COOLCOX-CCFG9CM Datasheet
478Kb / 1P
   Fan Guard
CCFG5CM COOLCOX-CCFG5CM Datasheet
399Kb / 1P
   Fan Guard
CCFG20CM COOLCOX-CCFG20CM Datasheet
446Kb / 1P
   Fan Guard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com