Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6206 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6206
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6206 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6206 Datasheet HTML 3Page - Linear Technology LT6206 Datasheet HTML 4Page - Linear Technology LT6206 Datasheet HTML 5Page - Linear Technology LT6206 Datasheet HTML 6Page - Linear Technology LT6206 Datasheet HTML 7Page - Linear Technology LT6206 Datasheet HTML 8Page - Linear Technology LT6206 Datasheet HTML 9Page - Linear Technology LT6206 Datasheet HTML 10Page - Linear Technology LT6206 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LT6205/LT6206/LT6207
7
620567fc
TYPICAL PERFORMANCE CHARACTERISTICS
VOS Distribution
Supply Current per Amplifier
vs Supply Voltage
Minimum Supply Voltage
Change in Offset Voltage vs Input
Common Mode Voltage
Input Bias Current vs Input
Common Mode Voltage
Input Bias Current vs Temperature
Output Saturation Voltage
vs Load Current (Output Low)
Output Saturation Voltage
vs Load Current (Output High)
Short-Circuit Current
vs Temperature
INPUT OFFSET VOLTAGE (mV)
–3
–2
–1
0
1
2
3
620567 G01
40
30
35
25
20
15
10
5
0
VS = 5V, 0V
VCM = 1V
TOTAL SUPPLY VOLTAGE (V)
0123456789 10 11 12
620567 G02
5
4
3
2
1
0
TA = 25°C
TA = –55°C
TA = 125°C
TOTAL SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
620567 G03
100
0
–100
–200
–300
–400
–500
–600
TA = 25°C
TA = –55°C
TA =125°C
INPUT COMMON MODE VOLTAGE (V)
012345
620567 G04
1000
800
600
400
200
0
TA = 25°C
TA = –55°C
TA =125°C
VS = 5V, 0V
INPUT COMMON MODE VOLTAGE (V)
012345
–2
–3
–4
–5
–6
–7
–9
–12
–8
–11
–10
VS = 5V, 0V
TA = 25°C
TA = –55°C
TA = 125°C
620567 G05
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
620567 G06
–4
–6
–5
–7
–8
–9
–10
–11
–12
VS = 5V, 0V
VCM = 1V
LOAD CURRENT (mA)
0.1
1
0.01
1
10
100
620567 G07
0.01
0.1
10
VS = 5V, 0V
VOD = 30mV
TA = 25°C
TA = –55°C
TA = 125°C
LOAD CURRENT (mA)
0.1
1
0.01
1
10
100
620567 G08
0.01
0.1
10
TA = 25°C
TA = –55°C
TA = 125°C
VS = 5V, 0V
VOD = 30mV
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
620567 G09
75
65
70
60
55
50
45
40
35
VS = 5V, 0V
VCM = 1V
VS = 3V, 0V
VCM = 1V
SINKING
SOURCING
SINKING
SOURCING


Similar Part No. - LT6206

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6206 LINER-LT6206 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6206CMS8 LINER-LT6206CMS8 Datasheet
430Kb / 16P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6206IMS8 LINER-LT6206IMS8 Datasheet
430Kb / 16P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6206 LINER-LT6206_15 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
More results

Similar Description - LT6206

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6205 LINER-LT6205_15 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6206 LINER-LT6206_15 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6205 LINER-LT6205 Datasheet
430Kb / 16P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6207 LINER-LT6207_15 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com