Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DBF12025G12HS Datasheet(PDF) 1 Page - Dubilier

Part No. DBF12025G12HS
Description  DC COOLING FAN 120x120x25mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBF12025G12HS Datasheet(HTML) 1 Page - Dubilier

  DBF12025G12HS Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
283
DC COOLING FAN
120x120x25mm
SPECIFICATION
EXTERNAL DIMENSIONS
PERFORMANCE CURVE
ORDERING INFORMATION
DBF
12025
B
12
H
Dubilier
Fans
Size
120x120x25mm
Bearing
B=Ball
S=Sleeve
G=Oil
Voltage
12=12vdc
24=24vdc
Airflow
U=Ultra High
H=High
M=Medium
L=Low
Options
Blank=Standard
A=Alarm Lead
S=Speed Sensor
T=Twin Speed
Other options available
Voltage: 12 & 24 VDC
Bearing options: Ball, Sleeve or Oil Bearing
Material on housing: Plastic Housing to UL94V-0
Airflow range: 72 - 98.6 CFM
Suitable for PSU, Racks and Test Instruments
Part No.
Bearing
Voltage(V)
Current(A)
Power (W)
Speed(RPM) Air flow(CFM ) Pressure(mmAq)
Noise(dB/A) Weight(g)
DBF12025x12U
Ball, Sleeve, Oil
12
0.50
6.00
2500
98.6
4.48
43.3
164
DBF12025x12H
Sleeve, Oil
12
0.44
5.28
2200
85.2
3.45
39.1
164
DBF12025B12H
Ball
12
0.37
4.44
2200
85.2
3.45
39.1
164
DBF12025x12M
Sleeve, Oil
12
0.34
4.08
2050
80.5
2.97
38.0
164
DBF12025B12M
Ball
12
0.33
3.96
2050
80.5
2.97
38.0
164
DBF12025x12L
Ball, Sleeve, Oil
12
0.24
2.88
1800
72.0
2.41
34.4
164
DBF12025x24H
Sleeve, Oil
24
0.24
5.76
2200
85.2
3.45
39.1
164
DBF12025B24H
Ball
24
0.19
4.56
2200
85.2
3.45
39.1
164
DBF12025x24M
Sleeve, Oil
24
0.20
4.80
2050
80.5
2.97
38.0
164
DBF12025B24M
Ball
24
0.17
4.08
2050
80.5
2.97
38.0
164
DBF12025x24L
Ball, Sleeve, Oil
24
0.14
3.36
1800
72.0
2.41
34.4
164
Impeller: Plastic (UL;94V-0)
Lead Wire: UL1007 AWG24
Protection: Current Limit
Operating Temp:-10˚to 70˚C


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn