Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6201CDD Datasheet(PDF) 10 Page - Linear Technology

Part # LT6201CDD
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201CDD Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6201CDD Datasheet HTML 6Page - Linear Technology LT6201CDD Datasheet HTML 7Page - Linear Technology LT6201CDD Datasheet HTML 8Page - Linear Technology LT6201CDD Datasheet HTML 9Page - Linear Technology LT6201CDD Datasheet HTML 10Page - Linear Technology LT6201CDD Datasheet HTML 11Page - Linear Technology LT6201CDD Datasheet HTML 12Page - Linear Technology LT6201CDD Datasheet HTML 13Page - Linear Technology LT6201CDD Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT6200/LT6200-5
LT6200-10/LT6201
10
62001fd
VOS Distribution, VCM = V+/2
INPUT OFFSET VOLTAGE (μV)
–1000
80
70
60
50
40
30
20
10
0
600
6200 G01
–600
–200
200
1000
VS = 5V, 0V
SO-8
INPUT OFFSET VOLTAGE (μV)
–1600–1200
40
60
1600
6200 G02
20
0
–800 –400
0
400 800 1200
80
30
50
10
70
VS = 5V, 0V
SO-8
INPUT OFFSET VOLTAGE (μV)
–1600–1200
40
60
1600
6200 G03
20
0
–800 –400
0
400 800 1200
80
30
50
10
70
VS = 5V, 0V
SO-8
VOS Distribution, VCM = V+
VOS Distribution, VCM = V
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely. The LT6201 in the DD package is limited by power dissipation
to VS ≤ 5V, 0V over the commercial temperature range only.
Note 4: The LT6200C/LT6200I and LT6201C/LT6201I are guaranteed functional
over the temperature range of –40°C and 85°C (LT6201DD excluded).
Note 5: The LT6200C/LT6201C are guaranteed to meet specified
performance from 0°C to 70°C. The LT6200C/LT6201C are designed,
characterized and expected to meet specified performance from –40°C
to 85°C, but are not tested or QA sampled at these temperatures. The
LT6200I is guaranteed to meet specified performance from –40°C to 85°C.
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: This parameter is not 100% tested.
Note 9: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2πVP
Note 10: Thermal resistance varies depending upon the amount of PC board
metal attached to the V– pin of the device. θJA is specified for a certain
amount of 2oz copper metal trace connecting to the V– pin as described in
the thermal resistance tables in the Application Information section.
Note 11: Matching parameters on the LT6201 are the difference between
the two amplifiers. CMRR and PSRR match are defined as follows: CMRR
and PSRR are measured in μV/V on the identical amplifiers. The difference
is calculated in μV/V. The result is converted to dB.
Note 12: There are reverse biased ESD diodes on all inputs and outputs, as
shown in Figure 1. If these pins are forced beyond either supply, unlimited
current will flow through these diodes. If the current is transient in nature
and limited to less than 30mA, no damage to the device will occur.
Supply Current vs Supply Voltage
Offset Voltage
vs Input Common Mode Voltage
Input Bias Current
vs Common Mode Voltage
TOTAL SUPPLY VOLTAGE (V)
0
20
25
30
610
6200 G04
15
10
24
812
14
5
0
TA = 125°C
TA = –55°C
TA = 25°C
INPUT COMMON MODE VOLTAGE (V)
0
–1.5
–1.0
0
0.5
1.0
2
4
5
3.0
6200 G05
–0.5
13
1.5
2.0
2.5
VS = 5V, 0V
TYPICAL PART
TA = 125°C
TA = –55°C
TA = 25°C
COMMON MODE VOLTAGE (V)
–1
0
10
20
24
6200 G06
–10
–20
01
35
6
–30
–40
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LT6201CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6201 LINER-LT6201 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
logo
Analog Devices
LT6201 AD-LT6201 Datasheet
2Mb / 28P
   1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
logo
Linear Technology
LT6201 LINER-LT6201 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LT6201 LINER-LT6201 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LT6201 LINER-LT6201 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT6201CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6200-10 LINER-LT6200-10_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200-5 LINER-LT6200-5_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6201 LINER-LT6201_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com