Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MCH5908 Datasheet(HTML) 3 Page - Sanyo Semicon Device

Part No. MCH5908
Description  High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

MCH5908 Datasheet(HTML) 3 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
MCH5908
No. A1218-3/4
Crss -- VDS
NF -- f
ITR02758
10
8
6
4
2
0.01
2
0.1
1.0
10
100
0
3
5 7
2 3
5 7
2 3
5 7
2 3
5 7
VDS=5V
ID=1mA
Rg=1k
Ω
Drain-to-Source Voltage, VDS -- V
Frequency, f -- kHz
IT04227
Ciss -- VDS
VGS(off) -- IDSS
7
10
23
5
3
3
2
1.0
7
5
VDS=5V
ID=100μA
Drain Current, IDSS -- mA
Drain-to-Source Voltage, VDS -- V
yfs⏐ -- ID
IT04225
yfs⏐ -- IDSS
IT04226
10
5
3
7
2
3
5
7
3
1.0
10
7
52
3
5
7
2
3
5
2
VDS=5V
f=1kHz
I DSS
=15mA
30mA
7
10
23
5
10
2
3
5
7
100
VDS=5V
VGS=0V
f=1kHz
Drain Current, ID -- mA
Drain Current, IDSS -- mA
IT13692
3
10
1.0
2
10
2
35
7
7
5
3
2
1.0
VGS=0V
f=1MHz
IT13691
23
5
7
2
3
3
3
1.0
10
10
5
7
2
VGS=0V
f=1MHz
ID -- VGS
IT04224
ID -- VGS
ITR02752
--1.4
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0.2
0
22
20
18
16
14
12
10
8
6
4
2
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0.2
0
4
2
6
8
12
10
14
16
VDS=5V
IDSS=15mA
VDS=5V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V


Html Pages

1  2  3  4 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn