Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT821PW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ABT821PW
Description  10-bit D-type flip-flop; positive-edge trigger; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT821PW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ABT821PW Datasheet HTML 5Page - NXP Semiconductors 74ABT821PW Datasheet HTML 6Page - NXP Semiconductors 74ABT821PW Datasheet HTML 7Page - NXP Semiconductors 74ABT821PW Datasheet HTML 8Page - NXP Semiconductors 74ABT821PW Datasheet HTML 9Page - NXP Semiconductors 74ABT821PW Datasheet HTML 10Page - NXP Semiconductors 74ABT821PW Datasheet HTML 11Page - NXP Semiconductors 74ABT821PW Datasheet HTML 12Page - NXP Semiconductors 74ABT821PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74ABT821_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 25 February 2010
9 of 16
NXP Semiconductors
74ABT821
10-bit D-type flip-flop; positive-edge trigger; 3-state
a. Input pulse definition
b. Test circuit
Test data and VEXT levels are given in Table 8.
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = Test voltage for switching times.
Fig 8.
Test circuit for measuring switching times
001aai298
VM
VM
tW
tW
10 %
90 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
90 %
10 %
10 %
tf
tr
tr
tf
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 8.
Test data
Input
Load
VEXT
VI
fI
tW
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
3.0 V
1 MHz
500 ns
≤ 2.5 ns
50 pF
500
open
open
7.0 V


Similar Part No. - 74ABT821PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT821PW PHILIPS-74ABT821PW Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT821PWDH PHILIPS-74ABT821PWDH Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
More results

Similar Description - 74ABT821PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
MB2821 PHILIPS-MB2821 Datasheet
112Kb / 9P
   Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
   Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
   Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com