Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD853F2-70UIT Datasheet(PDF) 91 Page - STMicroelectronics

Part # PSD853F2-70UIT
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2-70UIT Datasheet(HTML) 91 Page - STMicroelectronics

Back Button PSD853F2-70UIT Datasheet HTML 87Page - STMicroelectronics PSD853F2-70UIT Datasheet HTML 88Page - STMicroelectronics PSD853F2-70UIT Datasheet HTML 89Page - STMicroelectronics PSD853F2-70UIT Datasheet HTML 90Page - STMicroelectronics PSD853F2-70UIT Datasheet HTML 91Page - STMicroelectronics PSD853F2-70UIT Datasheet HTML 92Page - STMicroelectronics PSD853F2-70UIT Datasheet HTML 93Page - STMicroelectronics PSD853F2-70UIT Datasheet HTML 94Page - STMicroelectronics PSD853F2-70UIT Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 103 page
background image
91/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
Table 57. WRITE Timing (5V devices)
Note: 1. Any input used to select an internal PSD function.
2. In multiplexed mode, latched address generated from ADIO delay to address output on any port.
3. WR has the same timing as E, LDS, UDS, WRL, and WRH signals.
4. Assuming data is stable before active WRITE signal.
5. Assuming WRITE is active before data becomes valid.
6. TWHAX2 is the address hold time for DPLD inputs that are used to generate Sector Select signals for internal PSD memory.
Symbol
Parameter
Conditions
-70
-90
-15
Unit
Min
Max
Min
Max
Min
Max
tLVLX
ALE or AS Pulse Width
15
20
28
ns
tAVLX
Address Setup Time
(Note 1)
4
6
10
ns
tLXAX
Address Hold Time
(Note 1)
78
11
ns
tAVWL
Address Valid to Leading
Edge of WR
(Notes 1,3)
815
20
ns
tSLWL
CS Valid to Leading Edge of WR
(Note 3)
12
15
20
ns
tDVWH
WR Data Setup Time
(Note 3)
25
35
45
ns
tWHDX
WR Data Hold Time
(Note 3)
45
5
ns
tWLWH
WR Pulse Width
(Note 3)
31
35
45
ns
tWHAX1
Trailing Edge of WR to Address Invalid
(Note 3)
6
8
10
ns
tWHAX2
Trailing Edge of WR to DPLD Address
Invalid
(Note 3,6)
00
0
ns
tWHPV
Trailing Edge of WR to Port Output
Valid Using I/O Port Data Register
(Note 3)
27
30
38
ns
tDVMV
Data Valid to Port Output Valid
Using Macrocell Register
Preset/Clear
(Notes 3,5)
42
55
65
ns
tAVPV
Address Input Valid to Address
Output Delay
(Note 2)
20
25
30
ns
tWLMV
WR Valid to Port Output Valid Using
Macrocell Register Preset/Clear
(Notes 3,4)
48
55
65
ns


Similar Part No. - PSD853F2-70UIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD853F2-70 STMICROELECTRONICS-PSD853F2-70 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
More results

Similar Description - PSD853F2-70UIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com