Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT827PW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ABT827PW
Description  10-bit buffer/line driver; non-inverting; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT827PW Datasheet(HTML) 1 Page - NXP Semiconductors

  74ABT827PW Datasheet HTML 1Page - NXP Semiconductors 74ABT827PW Datasheet HTML 2Page - NXP Semiconductors 74ABT827PW Datasheet HTML 3Page - NXP Semiconductors 74ABT827PW Datasheet HTML 4Page - NXP Semiconductors 74ABT827PW Datasheet HTML 5Page - NXP Semiconductors 74ABT827PW Datasheet HTML 6Page - NXP Semiconductors 74ABT827PW Datasheet HTML 7Page - NXP Semiconductors 74ABT827PW Datasheet HTML 8Page - NXP Semiconductors 74ABT827PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74ABT827 high-performance BiCMOS device combines low static and dynamic
power dissipation with high speed and high output drive.
The 74ABT827 10-bit buffers provide high performance bus interface buffering for wide
data/address paths or buses carrying parity. They have NOR Output Enables (OE0, OE1)
for maximum control flexibility.
2.
Features and benefits
I Ideal where high speed, light loading, or increased fan-in are required
I Flow-through pinout architecture for microprocessor oriented applications
I Output capability: +64 mA and −32 mA
I Power-up 3-state
I Inputs are disabled during 3-state mode
I Latch-up protection exceeds 500 mA per JESD78B class II level A
I ESD protection:
N HBM JESD22-A114F exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
3.
Ordering information
74ABT827
10-bit buffer/line driver; non-inverting; 3-state
Rev. 03 — 24 February 2010
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ABT827D
−40 °C to +85 °C
SO24
plastic small outline package; 24 leads; body width
7.5 mm
SOT137-1
74ABT827DB
−40 °C to +85 °C
SSOP24
plastic shrink small outline package; 24 leads; body
width 5.3 mm
SOT340-1
74ABT827PW
−40 °C to +85 °C
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1


Similar Part No. - 74ABT827PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT827PW PHILIPS-74ABT827PW Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT827PWDH PHILIPS-74ABT827PWDH Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
More results

Similar Description - 74ABT827PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
   Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com