Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDxS2UQ Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PESDxS2UQ
Description  Double ESD protection diodes in SOT663 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESDxS2UQ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PESDxS2UQ Datasheet HTML 5Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 6Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 7Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 8Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 9Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 10Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 11Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 12Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PESDXS2UQ_SER_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 26 January 2010
10 of 13
NXP Semiconductors
PESDxS2UQ series
Double ESD protection diodes in SOT663 package
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 12.
Fig 10. Package outline PESDxS2UQ series (SOT663)
Dimensions in mm
02-05-21
1.7
1.5
1.7
1.5
1.3
1.1
1
0.18
0.08
0.33
0.23
0.5
12
3
0.6
0.5
0.3
0.1
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
4000
8000
PESD3V3S2UQ
PESD5V0S2UQ
PESD12VS2UQ
PESD15VS2UQ
PESD24VS2UQ
SOT663
2 mm pitch, 8 mm tape and reel
-
-315
PESD3V3S2UQ
PESD5V0S2UQ
PESD12VS2UQ
PESD15VS2UQ
PESD24VS2UQ
SOT663
4 mm pitch, 8 mm tape and reel
-115
-


Similar Part No. - PESDxS2UQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS2UQ PHILIPS-PESDXS2UQ Datasheet
121Kb / 13P
   Double ESD protection diodes in SOT663 package
2004 Apr 27
PESDXS2UQ NXP-PESDXS2UQ Datasheet
304Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 03-11 September 2008
logo
Nexperia B.V. All right...
PESDXS2UQ_SER NEXPERIA-PESDXS2UQ_SER Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
More results

Similar Description - PESDxS2UQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXS2UQ_SER NEXPERIA-PESDXS2UQ_SER Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
logo
NXP Semiconductors
PESDXS2UQ PHILIPS-PESDXS2UQ Datasheet
121Kb / 13P
   Double ESD protection diodes in SOT663 package
2004 Apr 27
PESDXS2UQ NXP-PESDXS2UQ Datasheet
304Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 03-11 September 2008
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Nexperia B.V. All right...
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
NXP Semiconductors
PESDXS2UT PHILIPS-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD3V3S2UT-215 PHILIPS-PESD3V3S2UT-215 Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com