Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3005EH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG3005EH
Description  0.5 A very low VF MEGA Schottky barrier rectifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3005EH Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG3005EH Datasheet HTML 1Page - NXP Semiconductors PMEG3005EH Datasheet HTML 2Page - NXP Semiconductors PMEG3005EH Datasheet HTML 3Page - NXP Semiconductors PMEG3005EH Datasheet HTML 4Page - NXP Semiconductors PMEG3005EH Datasheet HTML 5Page - NXP Semiconductors PMEG3005EH Datasheet HTML 6Page - NXP Semiconductors PMEG3005EH Datasheet HTML 7Page - NXP Semiconductors PMEG3005EH Datasheet HTML 8Page - NXP Semiconductors PMEG3005EH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PMEGXX05EH_EJ_SER_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 January 2010
3 of 13
NXP Semiconductors
PMEGxx05EH/EJ series
0.5 A very low VF MEGA Schottky barrier rectifiers
4.
Marking
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
Table 5.
Marking codes
Type number
Marking code
PMEG2005EH
A3
PMEG3005EH
A4
PMEG4005EH
A5
PMEG2005EJ
CC
PMEG3005EJ
CD
PMEG4005EJ
CE
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
PMEG2005EH,
PMEG2005EJ
-20
V
PMEG3005EH,
PMEG3005EJ
-30
V
PMEG4005EH,
PMEG4005EJ
-40
V
IF
forward current
Tsp ≤ 55 °C-
0.5
A
IFRM
repetitive peak forward current tp ≤ 1 ms; δ≤ 0.25
-
7
A
IFSM
non-repetitive peak forward
current
t = 8 ms square
wave
-10
A
Ptot
total power dissipation
Tamb ≤ 25 °C
SOD123F
[1] -375
mW
[2] -830
mW
SOD323F
[1] -360
mW
[2] -830
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C


Similar Part No. - PMEG3005EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3005EH PHILIPS-PMEG3005EH Datasheet
77Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
PMEG3005EH PHILIPS-PMEG3005EH Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMEG3005EH NEXPERIA-PMEG3005EH Datasheet
211Kb / 8P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG3005EH NEXPERIA-PMEG3005EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
PMEG3005EH-Q NEXPERIA-PMEG3005EH-Q Datasheet
185Kb / 10P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
25 August 2021
More results

Similar Description - PMEG3005EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEGXX05EH PHILIPS-PMEGXX05EH Datasheet
77Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
PMEG3005EB NXP-PMEG3005EB Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
PMEG3005EB PHILIPS-PMEG3005EB_15 Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
logo
Nexperia B.V. All right...
PMEGXX05EH NEXPERIA-PMEGXX05EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
PMEG3005EB NEXPERIA-PMEG3005EB Datasheet
182Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEG3005EL NEXPERIA-PMEG3005EL Datasheet
185Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEGXX05ET_SER NEXPERIA-PMEGXX05ET_SER Datasheet
720Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02 - 13 January 2010
logo
NXP Semiconductors
PMEG2005ET NXP-PMEG2005ET_10 Datasheet
131Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02-13 January 2010
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA PHILIPS-PMEG2005AEA_15 Datasheet
311Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com