Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3005EJ Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PMEG3005EJ
Description  0.5 A very low VF MEGA Schottky barrier rectifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3005EJ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PMEG3005EJ Datasheet HTML 5Page - NXP Semiconductors PMEG3005EJ Datasheet HTML 6Page - NXP Semiconductors PMEG3005EJ Datasheet HTML 7Page - NXP Semiconductors PMEG3005EJ Datasheet HTML 8Page - NXP Semiconductors PMEG3005EJ Datasheet HTML 9Page - NXP Semiconductors PMEG3005EJ Datasheet HTML 10Page - NXP Semiconductors PMEG3005EJ Datasheet HTML 11Page - NXP Semiconductors PMEG3005EJ Datasheet HTML 12Page - NXP Semiconductors PMEG3005EJ Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PMEGXX05EH_EJ_SER_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 January 2010
10 of 13
NXP Semiconductors
PMEGxx05EH/EJ series
0.5 A very low VF MEGA Schottky barrier rectifiers
10. Soldering
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 12. Reflow soldering footprint SOD123F
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 13. Reflow soldering footprint SOD323F (SC-90)
1.6
1.6
2.9
4
4.4
1.1 1.2
2.1
1.1
(2
×)
solder lands
solder resist
occupied area
solder paste
msa433
1.65
0.50
(2
×)
2.10
1.60
2.80
0.60
3.05
0.50
0.95
solder lands
solder resist
occupied area
solder paste


Similar Part No. - PMEG3005EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3005EJ PHILIPS-PMEG3005EJ Datasheet
77Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
PMEG3005EJ PHILIPS-PMEG3005EJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMEG3005EJ NEXPERIA-PMEG3005EJ Datasheet
211Kb / 8P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG3005EJ NEXPERIA-PMEG3005EJ Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
PMEG3005EJ-Q NEXPERIA-PMEG3005EJ-Q Datasheet
186Kb / 10P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
6 August 2021
More results

Similar Description - PMEG3005EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEGXX05EH PHILIPS-PMEGXX05EH Datasheet
77Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
PMEG3005EB NXP-PMEG3005EB Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
PMEG3005EB PHILIPS-PMEG3005EB_15 Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
logo
Nexperia B.V. All right...
PMEGXX05EH NEXPERIA-PMEGXX05EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
PMEG3005EB NEXPERIA-PMEG3005EB Datasheet
182Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEG3005EL NEXPERIA-PMEG3005EL Datasheet
185Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEGXX05ET_SER NEXPERIA-PMEGXX05ET_SER Datasheet
720Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02 - 13 January 2010
logo
NXP Semiconductors
PMEG2005ET NXP-PMEG2005ET_10 Datasheet
131Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02-13 January 2010
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA PHILIPS-PMEG2005AEA_15 Datasheet
311Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com