Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHCT9273FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHCT9273FK
Description  CMOS Digital Integrated Circuit Silicon Monolithic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT9273FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHCT9273FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT9273FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT9273FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT9273FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT9273FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT9273FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT9273FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT9273FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCT9273FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74VHCT9273P/FT/FK
2009-07-01
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta = −40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
4.5
5.5
1.90
2.10
1.90
2.10
Low-level input
voltage
VIL
4.5
5.5
0.50
0.60
0.50
0.60
V
Hysteresis voltage
(CKCLR )
VH
4.5
5.5
0.40
0.40
1.40
1.50
0.40
0.40
1.40
1.50
V
IOH = −50 μA
4.5
4.4
4.5
4.4
High-level output
voltage
VOH
VIN
= VIL
IOH = −8 mA
4.5
3.94
3.80
IOL = 50 μA
4.5
0.0
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH
IOL = 8 mA
4.5
0.36
0.44
V
Input leakage current
IIN
VIN = 5.5 V or GND
0~
5.5
±0.1
±1.0
μA
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA
Quiescent supply
current
ICCT
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
1.35
1.50
mA
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta
=
40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width (CK)
tw (L)
tw (H)
5.0 ± 0.5
5.0
5.0
ns
Minimum pulse width (
CLR )
tw (L)
5.0 ± 0.5
5.0
5.0
ns
Minimum set-up time
ts
5.0 ± 0.5
4.5
4.5
ns
Minimum hold time
th
5.0 ± 0.5
1.0
1.0
ns
Minimum removal time ( CLR )
trem
5.0 ± 0.5
2.0
2.0
ns


Similar Part No. - TC74VHCT9273FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT9125AFK TOSHIBA-TC74VHCT9125AFK Datasheet
286Kb / 7P
   5-bit Universal Schmitt Buffer with 3-State Outputs
2019-01-31
TC74VHCT9126AFK TOSHIBA-TC74VHCT9126AFK Datasheet
286Kb / 7P
   5-bit Universal Schmitt Buffer with 3-State Outputs
2019-01-31
TC74VHCT9541AFK TOSHIBA-TC74VHCT9541AFK Datasheet
336Kb / 7P
   Octal Universal Schmitt Buffer with 3-State Outputs
2019-01-31
More results

Similar Description - TC74VHCT9273FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com